Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDI1284P11 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDI1284P11
Description  3.3 V parallel interface transceiver/buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDI1284P11 Datasheet(HTML) 1 Page - NXP Semiconductors

  PDI1284P11 Datasheet HTML 1Page - NXP Semiconductors PDI1284P11 Datasheet HTML 2Page - NXP Semiconductors PDI1284P11 Datasheet HTML 3Page - NXP Semiconductors PDI1284P11 Datasheet HTML 4Page - NXP Semiconductors PDI1284P11 Datasheet HTML 5Page - NXP Semiconductors PDI1284P11 Datasheet HTML 6Page - NXP Semiconductors PDI1284P11 Datasheet HTML 7Page - NXP Semiconductors PDI1284P11 Datasheet HTML 8Page - NXP Semiconductors PDI1284P11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The PDI1284P11 parallel interface chip is designed to provide an asynchronous, 8-bit,
bidirectional, parallel interface for personal computers. The PDI1284P11 includes all 19
signal lines defined by the IEEE 1284 interface specification for Byte, Nibble, EPP, and
ECP modes. The PDI1284P11 is designed for hosts or peripherals operating at 3.3 V to
interface 3.3 V or 5.0 V devices.
The eight transceiver pairs (A/B 1 to 8) allow data transmission from the A-bus to the
B-bus, or from the B-bus to the A-bus, depending on the state of the direction pin DIR.
The B-bus and the Y9 to Y13 lines have either totem pole or resistor pull-up outputs,
depending on the state of the high drive enable pin HD. The A-bus has only totem pole
style outputs. All inputs are TTL compatible with at least 400 mV of input hysteresis at
VCC = 3.3 V.
2.
Features
I Asynchronous operation
I 8-bit transceivers
I Six additional buffer/driver lines peripheral to cable
I Five additional control lines from cable
I 5 V tolerant
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I Latch-up current protection exceeds 500 mA per JEDEC Std 19
I Input hysteresis
I Low-noise operation
I IEEE 1284 compliant level 1 and 2
I Overvoltage protection on B/Y side for off-state
I A side 3-state option
I B side active or resistive pull-up option
I Cable side supply voltage for 5 V or 3 V operation
PDI1284P11
3.3 V parallel interface transceiver/buffer
Rev. 03 — 25 August 2008
Product data sheet


Similar Part No. - PDI1284P11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1284P11 PHILIPS-PDI1284P11 Datasheet
140Kb / 12P
   3.3V Parallel interface transceiver/buffer
1999 Sep 17
logo
Nexperia B.V. All right...
PDI1284P11 NEXPERIA-PDI1284P11 Datasheet
237Kb / 14P
   3.3 V parallel interface transceiver/buffer
Rev. 4 - 6 July 2021
logo
NXP Semiconductors
PDI1284P11DGG PHILIPS-PDI1284P11DGG Datasheet
140Kb / 12P
   3.3V Parallel interface transceiver/buffer
1999 Sep 17
logo
Nexperia B.V. All right...
PDI1284P11DGG NEXPERIA-PDI1284P11DGG Datasheet
237Kb / 14P
   3.3 V parallel interface transceiver/buffer
Rev. 4 - 6 July 2021
logo
NXP Semiconductors
PDI1284P11DL PHILIPS-PDI1284P11DL Datasheet
140Kb / 12P
   3.3V Parallel interface transceiver/buffer
1999 Sep 17
More results

Similar Description - PDI1284P11

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDI1284P11 NEXPERIA-PDI1284P11 Datasheet
237Kb / 14P
   3.3 V parallel interface transceiver/buffer
Rev. 4 - 6 July 2021
logo
NXP Semiconductors
PDI1284P11 PHILIPS-PDI1284P11 Datasheet
140Kb / 12P
   3.3V Parallel interface transceiver/buffer
1999 Sep 17
74HCT1284 PHILIPS-74HCT1284 Datasheet
138Kb / 12P
   Parallel printer interface transceiver/buffer
1998 Jul 10
74LVC1284 PHILIPS-74LVC1284 Datasheet
100Kb / 10P
   3.3V Parallel printer interface transceiver/buffer
1995 Nov 10
logo
ON Semiconductor
AMIS-42673 ONSEMI-AMIS-42673 Datasheet
159Kb / 11P
   High-Speed 3.3 V Digital Interface CAN Transceiver
January, 2009 ??Rev. 3
logo
STMicroelectronics
STUSB06E STMICROELECTRONICS-STUSB06E Datasheet
262Kb / 20P
   3.3 V USB transceiver
logo
Texas Instruments
SN65HVD233-EP TI-SN65HVD233-EP Datasheet
461Kb / 24P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN65HVD233-HT TI1-SN65HVD233-HT Datasheet
676Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5P2304A ALSC-ASM5P2304A Datasheet
300Kb / 15P
   3.3 V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com