Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9701 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9701
Description  18 V tolerant SPI 16-bit/8-bit GPI with INT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9701 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9701 Datasheet HTML 4Page - NXP Semiconductors PCA9701 Datasheet HTML 5Page - NXP Semiconductors PCA9701 Datasheet HTML 6Page - NXP Semiconductors PCA9701 Datasheet HTML 7Page - NXP Semiconductors PCA9701 Datasheet HTML 8Page - NXP Semiconductors PCA9701 Datasheet HTML 9Page - NXP Semiconductors PCA9701 Datasheet HTML 10Page - NXP Semiconductors PCA9701 Datasheet HTML 11Page - NXP Semiconductors PCA9701 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
PCA9701_PCA9702_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 3 December 2008
8 of 28
NXP Semiconductors
PCA9701; PCA9702
18 V tolerant SPI 16-bit/8-bit GPI with INT
[1]
Input status register is the value or content of the D flip-flops.
[2]
Logic states shown for INT pin assumes 10 k
Ω pull-up resistor.
7.3 General Purpose Inputs
The General Purpose Inputs (GPI) are designed to behave like a typical input in the 0 V to
5.5 V range, but are also designed to have low leakage currents at elevated voltages. The
input structure allows for elevated voltages to be applied through a series resistor. The
series resistor is required when the input voltage is above 5.5 V. The series resistor is
required for two reasons: first, to prevent damage to the input avalanche diode, and
second, to prevent the ESD protection circuitry from creating an excessive current flow.
The ESD protection circuitry includes a latch-back style device, which provides excellent
ESD protection during assembly or typical 5.5 V applications. The series resistor limits the
current flowing into the part and provides additional ESD protection. The limited current
prevents the ESD latch-back device from latching back to a low voltage, which would
cause excessive current flow and damage the part.
The minimum required series resistance for applications with input voltages above 5.5 V is
100 k
Ω. For applications requiring an applied voltage above 27 V, Equation 1 is
recommended to determine the series resistor. Failure to include the appropriate input
series resistor may result in product failure and will void the warranty.
(1)
The series resistor should be placed physically as close as possible to the connected
input to reduce the effective node capacitance. The input response time is effected by the
RC time constant of the series resistor and the input node capacitance.
Table 3.
Interrupt output function truth table
H = HIGH; L = LOW; X = don’t care
INT_EN
Input port status
Input status register[1]
INT output[2]
HL
L
H
HL
H
L
HH
L
L
HH
H
H
LX
X
H
R
s
voltage applied
17 V
I
I
------------------------------------------------------------
=


Similar Part No. - PCA9701

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9701 NXP-PCA9701 Datasheet
461Kb / 28P
   18 V tolerant SPI 16-bit/8-bit GPI with INT
Rev. 05-11 November 2009
PCA9701D NXP-PCA9701D Datasheet
461Kb / 28P
   18 V tolerant SPI 16-bit/8-bit GPI with INT
Rev. 05-11 November 2009
PCA9701HF NXP-PCA9701HF Datasheet
461Kb / 28P
   18 V tolerant SPI 16-bit/8-bit GPI with INT
Rev. 05-11 November 2009
PCA9701PW NXP-PCA9701PW Datasheet
461Kb / 28P
   18 V tolerant SPI 16-bit/8-bit GPI with INT
Rev. 05-11 November 2009
PCA9701PW/Q900 NXP-PCA9701PW/Q900 Datasheet
461Kb / 28P
   18 V tolerant SPI 16-bit/8-bit GPI with INT
Rev. 05-11 November 2009
More results

Similar Description - PCA9701

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9701 NXP-PCA9701_09 Datasheet
461Kb / 28P
   18 V tolerant SPI 16-bit/8-bit GPI with INT
Rev. 05-11 November 2009
logo
STMicroelectronics
ST72141K STMICROELECTRONICS-ST72141K Datasheet
1Mb / 132P
   8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
logo
Fujitsu Component Limit...
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
logo
InnovASIC, Inc
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
   16-Bit/8-Bit Microcontrollers with RAM
logo
Fujitsu Component Limit...
MB85RS16N FUJITSU-MB85RS16N Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
logo
STMicroelectronics
ST72311R STMICROELECTRONICS-ST72311R Datasheet
1Mb / 164P
   8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
logo
Nexperia B.V. All right...
74AVCH16245 NEXPERIA-74AVCH16245 Datasheet
745Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 8 January 2013
logo
NXP Semiconductors
74AVCH16245 PHILIPS-74AVCH16245 Datasheet
88Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
2000 Mar 07
logo
Nexperia B.V. All right...
74AVC16245-Q100 NEXPERIA-74AVC16245-Q100 Datasheet
760Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant 3-state
74AVC16245 NEXPERIA-74AVC16245 Datasheet
740Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 31 January 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com