Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF2123U Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF2123U
Description  SPI Real time clock/calendar
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123U Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF2123U Datasheet HTML 7Page - NXP Semiconductors PCF2123U Datasheet HTML 8Page - NXP Semiconductors PCF2123U Datasheet HTML 9Page - NXP Semiconductors PCF2123U Datasheet HTML 10Page - NXP Semiconductors PCF2123U Datasheet HTML 11Page - NXP Semiconductors PCF2123U Datasheet HTML 12Page - NXP Semiconductors PCF2123U Datasheet HTML 13Page - NXP Semiconductors PCF2123U Datasheet HTML 14Page - NXP Semiconductors PCF2123U Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
PCF2123_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 November 2008
11 of 54
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
9.3.2 Register Control_2
9.4 OS flag
The PCF2123 includes a flag (bit OS) which is set whenever the oscillator is stopped (see
Figure 8 and Figure 9). The flag will remain set until cleared by software. If the flag cannot
be cleared, then the PCF2123 oscillator is not running. This method can be used to
monitor the oscillator and to determine if the supply voltage has reduced to the point
where oscillation fails.
Table 6.
Register Control_2 (address 01h) bits description
Bit
Symbol
Value
Description
Reference
7
MI
0
minute interrupt is disabled
Section 9.8.1
1
minute interrupt is enabled
6
SI
0
second interrupt is disabled
1
second interrupt is enabled
5
MSF
0
no minute or second interrupt generated
1
flag set when minute or second interrupt
generated;
flag must be cleared to clear interrupt
when TI_IP = 0
4
TI_TP
0
interrupt pin follows timer flags
Section 9.9.2
1
interrupt pin generates a pulse
3
AF
0
no alarm interrupt generated
Section 9.7.1
1
flag set when alarm triggered;
flag must be cleared to clear interrupt
2
TF
0
no countdown timer interrupt generated
-
1
flag set when countdown timer interrupt
generated;
flag must be cleared to clear interrupt
when TI_IP = 0
1
AIE
0
no interrupt generated from the alarm flag
Section 9.9.3
1
interrupt generated when alarm flag set
0
TIE
0
no interrupt generated from the countdown
timer
Section 9.9.2
1
interrupt generated by the countdown timer
Fig 8.
OS set by failing VDD
001aai561
VDD
VOSC(MIN)
t
battery operation
main supply


Similar Part No. - PCF2123U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2123U NXP-PCF2123U Datasheet
844Kb / 63P
   SPI Real time clock/calendar Time keeping application
Rev. 5-27 April 2011
PCF2123U/10AA NXP-PCF2123U/10AA Datasheet
1Mb / 55P
   SPI Real time clock/calendar
Rev. 02-4 December 2009
PCF2123U/12AA NXP-PCF2123U/12AA Datasheet
1Mb / 55P
   SPI Real time clock/calendar
Rev. 02-4 December 2009
More results

Similar Description - PCF2123U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA2125 NXP-PCA2125 Datasheet
1Mb / 40P
   SPI Real time clock / calendar
Rev.00.11-30 January 2007
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
   SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF2123 NXP-PCF2123_09 Datasheet
1Mb / 55P
   SPI Real time clock/calendar
Rev. 02-4 December 2009
logo
Micro Analog systems
MCP795WXX MAS-MCP795WXX Datasheet
969Kb / 54P
   SPI Real-Time Clock Calendar
logo
NXP Semiconductors
PCF2123 NXP-PCF2123_11 Datasheet
844Kb / 63P
   SPI Real time clock/calendar Time keeping application
Rev. 5-27 April 2011
PCA21125 NXP-PCA21125 Datasheet
1Mb / 42P
   SPI-bus Real-Time Clock and calendar
Rev. 01-16 November 2009
logo
Microchip Technology
MCP7951X MICROCHIP-MCP7951X Datasheet
899Kb / 58P
   Battery-Backed SPI Real-Time Clock/Calendar
09/14/21
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
   Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
   Real-time clock/calendar
16 April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com