Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF2123TS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF2123TS
Description  SPI Real time clock/calendar
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123TS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF2123TS Datasheet HTML 3Page - NXP Semiconductors PCF2123TS Datasheet HTML 4Page - NXP Semiconductors PCF2123TS Datasheet HTML 5Page - NXP Semiconductors PCF2123TS Datasheet HTML 6Page - NXP Semiconductors PCF2123TS Datasheet HTML 7Page - NXP Semiconductors PCF2123TS Datasheet HTML 8Page - NXP Semiconductors PCF2123TS Datasheet HTML 9Page - NXP Semiconductors PCF2123TS Datasheet HTML 10Page - NXP Semiconductors PCF2123TS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
PCF2123_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 November 2008
7 of 54
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
9.1.1 Power consumption with respect to quartz series resistance
The series resistance acts as a loss element. Low Rs will reduce current consumption
further.
Configuration: CLKOUT disabled, VDD = 3 V, timer clock set to 160 Hz.
(1) IDD (nA) minimum power mode.
Fig 6.
IDD with respect to quartz RS
Rs(2) (k
Ω)
0
100
80
40
60
20
001aai558
130
170
90
210
250
IDD(1)
(nA)
50


Similar Part No. - PCF2123TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2123TS NXP-PCF2123TS Datasheet
1Mb / 55P
   SPI Real time clock/calendar
Rev. 02-4 December 2009
PCF2123TS NXP-PCF2123TS Datasheet
844Kb / 63P
   SPI Real time clock/calendar Time keeping application
Rev. 5-27 April 2011
PCF2123TS PHILIPS-PCF2123TS Datasheet
334Kb / 2P
   Save power with small, ultra-efficient RTCs
March 2011
More results

Similar Description - PCF2123TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA2125 NXP-PCA2125 Datasheet
1Mb / 40P
   SPI Real time clock / calendar
Rev.00.11-30 January 2007
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
   SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF2123 NXP-PCF2123_09 Datasheet
1Mb / 55P
   SPI Real time clock/calendar
Rev. 02-4 December 2009
logo
Micro Analog systems
MCP795WXX MAS-MCP795WXX Datasheet
969Kb / 54P
   SPI Real-Time Clock Calendar
logo
NXP Semiconductors
PCF2123 NXP-PCF2123_11 Datasheet
844Kb / 63P
   SPI Real time clock/calendar Time keeping application
Rev. 5-27 April 2011
PCA21125 NXP-PCA21125 Datasheet
1Mb / 42P
   SPI-bus Real-Time Clock and calendar
Rev. 01-16 November 2009
logo
Microchip Technology
MCP7951X MICROCHIP-MCP7951X Datasheet
899Kb / 58P
   Battery-Backed SPI Real-Time Clock/Calendar
09/14/21
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
   Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
   Real-time clock/calendar
16 April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com