Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GI355.A70C257 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # GI355.A70C257
Description  Incremental encoders
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GI355.A70C257 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  GI355.A70C257 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GI355.A70C257 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GI355.A70C257 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GI355.A70C257 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.baumerivo.com
Incremental encoders
1
www.baumerivo.com
www.baumerivo.com
GI355 with clamping flange
Features
Encoder with shaft ø10 mm or ø6 mm
Resolution max. 6000 ppr
Optical sensing
Clamping flange or synchro flange
Industrial standard
High rotation speed max.10000 rpm
Compact design
Technical data - electrical ratings
Voltage supply
5 VDC ±10 %
4.75...30 VDC
Reverse polarity protection Yes (4.75...30 VDC)
Consumption w/o load
≤30 mA (24 VDC)
≤60 mA (5 VDC)
Resolution (steps/turn)
5...6000
Reference signal
Zero pulse, width 90°
Sensing method
Optical
Output frequency
≤150 kHz
Output signals
A 90° B, N + inverted
Output circuit
Linedriver RS422
Push-pull short-circuit proof
Interference immunity
DIN EN 61000-6-2
Emitted interference
DIN EN 61000-6-4
Approval
UL approval / E63076
GI355, GI356
Technical data - mechanical design
Housing
ø58 mm
Protection DIN EN 60529 IP 54 without shaft seal
IP 65 with shaft seal
Operating speed
≤10000 rpm
Starting torque
≤0.015 Nm IP 54
≤0.03 Nm IP 65
Rotor moment of inertia
14.5 gcm²
Admitted shaft load
≤20 N axial
≤40 N radial
Materials
Housing: aluminium
Flange: aluminium
Operating temperature
-25...+100 °C (5 VDC)
-25...+85 °C (24 VDC)
Relative humidity
95 % non-condensing
Resistance
DIN EN 60068-2-6
Vibration 10 g, 16-2000 Hz
DIN EN 60068-2-27
Shock 200 g, 6 ms
Weight approx.
250 g
E-connection
Connector or cable
GI355
Shaft
ø10 mm
Flange
Clamping flange
GI356
Shaft
ø6 mm
Flange
Synchro flange
Shaft with clamping or synchro flange
Resolution 5...6000 pulses
Optional
Stainless steel design GE355
ATEX-approved, see X 700


Similar Part No. - GI355.A70C257

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GI352 IVO-GI352 Datasheet
543Kb / 4P
   Incremental encoders
GI352.121A035 IVO-GI352.121A035 Datasheet
543Kb / 4P
   Incremental encoders
GI352.121A036 IVO-GI352.121A036 Datasheet
543Kb / 4P
   Incremental encoders
GI352.121A039 IVO-GI352.121A039 Datasheet
543Kb / 4P
   Incremental encoders
GI352.121A048 IVO-GI352.121A048 Datasheet
543Kb / 4P
   Incremental encoders
More results

Similar Description - GI355.A70C257

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
   Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
   Incremental encoders
GI341 IVO-GI341 Datasheet
576Kb / 4P
   Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
   Incremental encoders
GE355 IVO-GE355 Datasheet
526Kb / 4P
   Incremental encoders
GI321 IVO-GI321 Datasheet
366Kb / 2P
   Incremental encoders
logo
List of Unclassifed Man...
P4111-AQ120 ETC1-P4111-AQ120 Datasheet
31Kb / 2P
   Incremental Encoders
logo
Baumer IVO GmbH & Co. K...
GE333 IVO-GE333 Datasheet
537Kb / 4P
   Incremental encoders
GI331 IVO-GI331 Datasheet
592Kb / 4P
   Incremental encoders
GI328 IVO-GI328 Datasheet
423Kb / 2P
   Incremental encoders
GI338 IVO-GI338 Datasheet
474Kb / 2P
   Incremental encoders
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com