Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM221N Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSM221N
Description  DUAL CMOS RAIL TO RAIL OPERATIONAL AMPLIFIER AND DUAL CMOS COMPARATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM221N Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSM221N Datasheet HTML 3Page - STMicroelectronics TSM221N Datasheet HTML 4Page - STMicroelectronics TSM221N Datasheet HTML 5Page - STMicroelectronics TSM221N Datasheet HTML 6Page - STMicroelectronics TSM221N Datasheet HTML 7Page - STMicroelectronics TSM221N Datasheet HTML 8Page - STMicroelectronics TSM221N Datasheet HTML 9Page - STMicroelectronics TSM221N Datasheet HTML 10Page - STMicroelectronics TSM221N Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PACKAGE MECHANICAL DATA
14 PINS - PLASTIC DIP
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
i
5.1
0.201
L
3.3
0.130
Z
1.27
2.54
0.050
0.100
TSM221
10/11


Similar Part No. - TSM221N

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TSM22 TRANSKO-TSM22 Datasheet
292Kb / 1P
   ULTRA MINIATURE SMD CMOS OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev 5: 02-24-2022
logo
Taiwan Semiconductor Co...
TSM220NB06CR TSC-TSM220NB06CR Datasheet
309Kb / 6P
   N-Channel Power MOSFET 60V, 35A, 22m廓
TSM220NB06LCR TSC-TSM220NB06LCR Datasheet
314Kb / 6P
   N-Channel Power MOSFET 60V, 35A, 22m廓
TSM22P10 TSC-TSM22P10 Datasheet
680Kb / 7P
   -100V P-Channel Power MOSFET
TSM22P10CIC0G TSC-TSM22P10CIC0G Datasheet
680Kb / 7P
   -100V P-Channel Power MOSFET
More results

Similar Description - TSM221N

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704 Datasheet
52Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_06 Datasheet
217Kb / 19P
   Rail-to-Rail CMOS Dual Operational Amplifier
logo
Advanced Linear Devices
ALD2704A ALD-ALD2704A Datasheet
49Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2704 ALD-ALD2704_10 Datasheet
83Kb / 9P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912B STMICROELECTRONICS-TS912B Datasheet
1Mb / 21P
   Rail-to-rail CMOS dual operational amplifier
November 2012 Rev 7
TS912 STMICROELECTRONICS-TS912 Datasheet
102Kb / 12P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
April 1999
TS912 STMICROELECTRONICS-TS912_07 Datasheet
205Kb / 18P
   Rail-to-rail CMOS dual operational amplifier
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701 Datasheet
74Kb / 6P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS3V912 STMICROELECTRONICS-TS3V912 Datasheet
117Kb / 11P
   3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com