Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GI341.G227122 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # GI341.G227122
Description  Incremental encoders
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GI341.G227122 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GI341.G227122 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GI341.G227122 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GI341.G227122 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GI341.G227122 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Incremental encoders
www.baumerivo.com
2
GI341, GI342 - incretivo
Part number
GI341.
71
See part number (pulses)
E-connection
71 Cable 1 m, tangential
Voltage supply / signals
22 5 VDC / linedriver RS422
70 4.75...30 VDC / push-pull
72 4.75...30 VDC / linedriver
RS422 (5 VDC)
Hollow shaft
A End shaft ø12 mm center mounting
B End shaft ø10 mm center mounting
C End shaft ø14 mm center mounting
G End shaft ø15 mm center mounting
GI342.
71
See part number (pulses)
E-connection
71 Cable 1 m, tangential
Voltage supply / signals
22 5 VDC / linedriver RS422
70 4.75...30 VDC / push-pull
72 4.75...30 VDC / linedriver
RS422 (5 VDC)
Hollow shaft
A Hollow shaft ø12 mm clamping ring on flange
B Hollow shaft ø10 mm clamping ring on flange
C Hollow shaft ø14 mm clamping ring on flange
G Hollow shaft ø15 mm clamping ring on flange
Part number (pulses)
49 (5)
41 (100)
14 (400)
26 (1500)
36 (10)
57 (128)
15 (500)
29 (2048)
50 (25)
06 (200)
22 (1000)
39 (50)
09 (250)
23 (1024)
40 (60)
13 (360)
24 (1250)
Accessories
Mounting accessories (page %S)
Z 119.023
Spring coupling for encoders with ø58 mm
housing
Z 119.036
Rubber buffer element 7.5 mm long, as torque
support
Z 119.040
Shoulder screw M5 as torque support
Z 119.068
Spring coupling
Hollow or end shaft max. ø15 mm
Resolution 5...2048 pulses
Other pulse numbers upon request.
Example: ordering key 23 = 1024 pulses
Configurations with commutation tracks on request
End shaft
Hollow shaft


Similar Part No. - GI341.G227122

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GI3403 GTM-GI3403 Datasheet
227Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GI341.G227122

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
   Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
   Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
   Incremental encoders
GE355 IVO-GE355 Datasheet
526Kb / 4P
   Incremental encoders
GI321 IVO-GI321 Datasheet
366Kb / 2P
   Incremental encoders
logo
List of Unclassifed Man...
P4111-AQ120 ETC1-P4111-AQ120 Datasheet
31Kb / 2P
   Incremental Encoders
logo
Baumer IVO GmbH & Co. K...
GE333 IVO-GE333 Datasheet
537Kb / 4P
   Incremental encoders
GI331 IVO-GI331 Datasheet
592Kb / 4P
   Incremental encoders
GI328 IVO-GI328 Datasheet
423Kb / 2P
   Incremental encoders
GI338 IVO-GI338 Datasheet
474Kb / 2P
   Incremental encoders
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com