Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC12816C-WI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT88SC12816C-WI
Description  CryptoMemory 128 Kbit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC12816C-WI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT88SC12816C-WI Datasheet HTML 5Page - ATMEL Corporation AT88SC12816C-WI Datasheet HTML 6Page - ATMEL Corporation AT88SC12816C-WI Datasheet HTML 7Page - ATMEL Corporation AT88SC12816C-WI Datasheet HTML 8Page - ATMEL Corporation AT88SC12816C-WI Datasheet HTML 9Page - ATMEL Corporation AT88SC12816C-WI Datasheet HTML 10Page - ATMEL Corporation AT88SC12816C-WI Datasheet HTML 11Page - ATMEL Corporation AT88SC12816C-WI Datasheet HTML 12Page - ATMEL Corporation AT88SC12816C-WI Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
5016HS–SMEM–11/08
AT88SC12816C
Security Fuses
There are three fuses on the device that must be blown during the device personalization pro-
cess. Each fuse locks certain portions of the configuration memory as OTP memory. Fuses are
designed for the module manufacturer, card manufacturer and card issuer and should be blown
in sequence, although all programming of the device and blowing of the fuses may be performed
at one final step.
Protocol
Selection
The AT88SC12816C supports two different communication protocols.
Smart Card Applications: The asynchronous T = 0 protocol defined by ISO 7816-3 is used
for compatibility with the industry’s standard smart card readers.
Embedded Applications: A 2-wire serial interface is used for fast and efficient
communication with logic or controllers.
The power-up sequence determines which of the two communication protocols will be used.
Asynchronous
T = 0 Protocol
This power-up sequence complies with ISO 7816-3 for a cold reset in smart card applications.
•V
CC goes high; RST, I/O-SDA and CLK-SCL are low.
Set I/O-SDA in receive mode.
Provide a clock signal to CLK-SCL.
RST goes high after 400 clock cycles.
The device will respond with a 64-bit ATR code, including historical bytes to indicate the memory
density within the CryptoMemory family. Once the asynchronous mode has been selected, it is
not possible to switch to the synchronous mode without powering off the device.
Figure 10. Asynchronous T = 0 Protocol (Gemplus Patent)
After a successful ATR, the Protocol and Parameter Selection (PPS) protocol, as defined by ISO
7816-3, may be used to negotiate the communications speed with CryptoMemory devices 32
Kbits and larger. CryptoMemory supports D values of 1, 2, 4, 8, 12, and 16 for an F value of 372.
Also supported are D values of 8 and 16 for F = 512. This allows selection of 8 communications
speeds ranging from 9600 baud to 153,600 baud.
Synchronous
2-wire Serial
Interface
The synchronous mode is the default after powering up V
CC due to an internal pull-up on RST.
For embedded applications using CryptoMemory in standard plastic packages, this is the only
communication protocol.
Power-up V
CC, RST goes high also.
After stable V
CC, CLK-SCL and I/O-SDA may be driven.
Vcc
I/O-SDA
RST
CLK-SCL
ATR


Similar Part No. - AT88SC12816C-WI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC12816C-WI ATMEL-AT88SC12816C-WI Datasheet
194Kb / 21P
   CryptoMemory 128 Kbit
More results

Similar Description - AT88SC12816C-WI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC12816C ATMEL-AT88SC12816C_09 Datasheet
194Kb / 21P
   CryptoMemory 128 Kbit
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
AT88SC25616C ATMEL-AT88SC25616C_08 Datasheet
438Kb / 18P
   CryptoMemory 256 Kbit
AT88SC6416C ATMEL-AT88SC6416C_08 Datasheet
475Kb / 18P
   CryptoMemory 64 Kbit
AT88SC0808C ATMEL-AT88SC0808C_09 Datasheet
192Kb / 20P
   CryptoMemory 8 Kbit
AT88SC3216C ATMEL-AT88SC3216C_09 Datasheet
208Kb / 21P
   CryptoMemory 32 Kbit
AT88SC0808C ATMEL-AT88SC0808C Datasheet
199Kb / 14P
   CryptoMemory 8 Kbit
AT88SC0104C ATMEL-AT88SC0104C Datasheet
345Kb / 17P
   CryptoMemory 1 Kbit
AT88SC0808C ATMEL-AT88SC0808C_07 Datasheet
409Kb / 18P
   CryptoMemory 8 Kbit
AT88SC0104C ATMEL-AT88SC0104C_09 Datasheet
194Kb / 20P
   CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com