Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC12816C-MJ Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT88SC12816C-MJ
Description  CryptoMemory 128 Kbit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC12816C-MJ Datasheet(HTML) 1 Page - ATMEL Corporation

  AT88SC12816C-MJ Datasheet HTML 1Page - ATMEL Corporation AT88SC12816C-MJ Datasheet HTML 2Page - ATMEL Corporation AT88SC12816C-MJ Datasheet HTML 3Page - ATMEL Corporation AT88SC12816C-MJ Datasheet HTML 4Page - ATMEL Corporation AT88SC12816C-MJ Datasheet HTML 5Page - ATMEL Corporation AT88SC12816C-MJ Datasheet HTML 6Page - ATMEL Corporation AT88SC12816C-MJ Datasheet HTML 7Page - ATMEL Corporation AT88SC12816C-MJ Datasheet HTML 8Page - ATMEL Corporation AT88SC12816C-MJ Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Features
One of a Family of 9 Devices with User Memories from 1-Kbit to 256-Kbit
128-Kbit (16-Kbyte) EEPROM User Memory
– Sixteen 1-Kbyte (8-Kbit) Zones
– Self-timed Write Cycle
– Single Byte or 128-byte Page Write Mode
– Programmable Access Rights for Each Zone
2-Kbit Configuration Zone
– 37-byte OTP Area for User-defined Codes
– 160-byte Area for User-defined Keys and Passwords
High Security Features
– 64-bit Mutual Authentication Protocol (Under License of ELVA)
– Encrypted Checksum
– Stream Encryption
– Four Key Sets for Authentication and Encryption
– Eight Sets of Two 24-bit Passwords
– Anti-tearing Function
– Voltage and Frequency Monitor
Smart Card Features
– ISO 7816 Class A (5V) or Class B (3V) Operation
– ISO 7816-3 Asynchronous T = 0 Protocol (Gemplus® Patent)
– Supports Protocol and Parameters Selection for Faster Operation
– Multiple Zones, Key Sets and Passwords for Multi-application Use
– Synchronous 2-wire Serial Interface for Faster Device Initialization
– Programmable 8-byte Answer-to-reset Register
– ISO 7816-2 Compliant Modules
Embedded Application Features
– Low Voltage Operation: 2.7V to 5.5V
– Secure Nonvolatile Storage for Sensitive System or User Information
– 2-wire Serial Interface
– 1.0 MHz Compatibility for Fast Operation
– Standard 8-lead Plastic Packages
– Same Pinout as 2-wire Serial EEPROMs
High Reliability
– Endurance: 100,000 Cycles
– Data Retention: 10 years
– ESD Protection: 4,000V min
Figure 1. Package Options
Figure 2.
Figure 3.
Table 1. Pin Configuration
Pad
Description
ISO Module Contact
Standard Package Pin
VCC
Supply Voltage
C1
8
GND
Ground
C5
4
SCL/CLK
Serial Clock Input
C3
6
SDA/IO
Serial Data Input/Output
C7
5
RST
Reset Input
C2
NC
CryptoMemory
128 Kbit
AT88SC12816C
Summary
Rev. 5016HS–SMEM–11/08
Note: This is a summary document. A complete document is
available under NDA. For more information, please contact your
local Atmel sales office.
1
2
3
4
8
7
6
5
Smart Card Module
VCC=C1
RST=C2
SCL/CLK=C3
NC=C4
C5=GND
C6=NC
C7=SDA/IO
C8=NC
8-lead SOIC, PDIP
NC
NC
NC
GND
VCC
NC
SCL
SDA


Similar Part No. - AT88SC12816C-MJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC12816C-MJ ATMEL-AT88SC12816C-MJ Datasheet
194Kb / 21P
   CryptoMemory 128 Kbit
AT88SC12816C-MJTG ATMEL-AT88SC12816C-MJTG Datasheet
194Kb / 21P
   CryptoMemory 128 Kbit
More results

Similar Description - AT88SC12816C-MJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC12816C ATMEL-AT88SC12816C_09 Datasheet
194Kb / 21P
   CryptoMemory 128 Kbit
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
AT88SC25616C ATMEL-AT88SC25616C_08 Datasheet
438Kb / 18P
   CryptoMemory 256 Kbit
AT88SC6416C ATMEL-AT88SC6416C_08 Datasheet
475Kb / 18P
   CryptoMemory 64 Kbit
AT88SC0808C ATMEL-AT88SC0808C_09 Datasheet
192Kb / 20P
   CryptoMemory 8 Kbit
AT88SC3216C ATMEL-AT88SC3216C_09 Datasheet
208Kb / 21P
   CryptoMemory 32 Kbit
AT88SC0808C ATMEL-AT88SC0808C Datasheet
199Kb / 14P
   CryptoMemory 8 Kbit
AT88SC0104C ATMEL-AT88SC0104C Datasheet
345Kb / 17P
   CryptoMemory 1 Kbit
AT88SC0808C ATMEL-AT88SC0808C_07 Datasheet
409Kb / 18P
   CryptoMemory 8 Kbit
AT88SC0104C ATMEL-AT88SC0104C_09 Datasheet
194Kb / 20P
   CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com