Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GI338.4224123 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # GI338.4224123
Description  Incremental encoders
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GI338.4224123 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GI338.4224123 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GI338.4224123 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.baumerivo.com
www.baumerivo.com
Incremental encoders
www.baumerivo.com
2
GI338
Part number
GI338.
41
See part number (pulses)
E-connection
41 Cable 1 m, radial
Voltage supply / signals
22 5 VDC / linedriver RS422
60 10…30 VDC / push-pull
Hollow shaft
0 Hollow shaft ø6 mm torque support / IP 65
1 Hollow shaft ø6 mm spring washer / IP 65
3 End shaft ø8 mm spring coupling / IP 65
4 Hollow shaft ø6 mm torque support / IP 42
7 End shaft ø12 mm spring coupling / IP 65
Part number (pulses)
49 (5)
06 (200)
15 (500)
29 (2048)
39 (50)
09 (250)
22 (1000)
40 (60)
13 (360)
23 (1024)
41 (100)
14 (400)
28 (2000)
Mini series, with hollow shaft
Resolution 5...2048 pulses
Linedriver
Core colour Assignment
brown
UB
green
Track A
red
Track A inv.
yellow
Track B
blue
Track B inv.
pink
Track N (zero pulse)
grey
Track N inv. (zero pulse inv.)
white
GND
Push-pull
Core colour Assignment
brown
UB
green
Track A
yellow
Track B
pink
Track N (zero pulse)
white
GND
Please use cores twisted in pairs (for example track A /
track A inv.) for extension cables of more than 10 m length.
Terminal assignment
GI338 hollow shaft ø6 mm / torque support
GI338 end shaft ø8 mm
GI338 end shaft ø12 mm
1.5
39.5
7
6.5
ø8H7 x 20
53
ø45
ø3.5
1.5
39.5
7
6.5
ø12 H7 x 20
R=17.5±0.5
GI338 hollow shaft ø6 mm / spring washer
12 33.5
9 ±1
6.5
2.4
40
6.5
27
1
5.5
ø3 x 16
33.5
6
5.5
6.5
27
ø45
ø3.5
0.5
Dimensions
Other pulse numbers upon request.
Example: ordering key 23 = 1024 pulses


Similar Part No. - GI338.4224123

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GI330 IVO-GI330 Datasheet
587Kb / 4P
   Incremental encoders
GI330.0224106 IVO-GI330.0224106 Datasheet
587Kb / 4P
   Incremental encoders
GI330.0224109 IVO-GI330.0224109 Datasheet
587Kb / 4P
   Incremental encoders
GI330.0224113 IVO-GI330.0224113 Datasheet
587Kb / 4P
   Incremental encoders
GI330.0224114 IVO-GI330.0224114 Datasheet
587Kb / 4P
   Incremental encoders
More results

Similar Description - GI338.4224123

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
   Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
   Incremental encoders
GI341 IVO-GI341 Datasheet
576Kb / 4P
   Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
   Incremental encoders
GE355 IVO-GE355 Datasheet
526Kb / 4P
   Incremental encoders
GI321 IVO-GI321 Datasheet
366Kb / 2P
   Incremental encoders
logo
List of Unclassifed Man...
P4111-AQ120 ETC1-P4111-AQ120 Datasheet
31Kb / 2P
   Incremental Encoders
logo
Baumer IVO GmbH & Co. K...
GE333 IVO-GE333 Datasheet
537Kb / 4P
   Incremental encoders
GI331 IVO-GI331 Datasheet
592Kb / 4P
   Incremental encoders
GI328 IVO-GI328 Datasheet
423Kb / 2P
   Incremental encoders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com