Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F524650DB8C Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # F524650DB8C
Description  Totalizers electromechanic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

F524650DB8C Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  F524650DB8C Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG F524650DB8C Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG F524650DB8C Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG F524650DB8C Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.baumerivo.com
Totalizers electromechanic
1
www.baumerivo.com
www.baumerivo.com
F 504 - Socket box
Features
Impulse counter
Adding
Display 6- or 8-digits
With or without reset button / key reset
Technical data - electrical ratings
Voltage supply
24/110 VAC ±10 % (50/60 Hz)
230 VAC +6/-10 % (50/60 Hz)
24 VDC ±10 %
Ripple residue
<48 %
Nominal frequency
50 / 60 Hz
Power consumption
2 W, 3 VA
Pulse ratio
1:1
Service life
VDC - 100 million impulses
VAC - 50 million impulses
Standard
DIN EN 61010-1
Protection class II
Overvoltage category II
Pollution degree 2
Emitted interference
DIN EN 61000-6-4
Interference immunity
DIN EN 61000-6-2
Approvals
CE conform, UL/cUL
F 504, F 514, F 518, F 524
Impulse counters, front panel mount
Display 6- or 8-digits, with/without reset button
F 514 - Front panel with screw mount
F 518 - Front panel with screw mount
Technical data - mechanical design
Display
White numbers on black
Digit height
4.5 mm
Count mode
1 impulse = 1 count
Step-by-step switching
Adding in 2 half steps
Reset
Manual by reset button
or detachable key
Operating temperature
0...+60 °C
Storing temperature
-20...+70 °C
Relative humidity
80 % non-condensing
Protection DIN EN 60529 IP 41
E-connection
Soldering pins (flat)
Weight approx.
100 g
Material
Housing: Noryl PPO, black


Similar Part No. - F524650DB8C

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
F524 IRCTT-F524 Datasheet
209Kb / 2P
   U.L. Approved Dual Function Fuse Resistors
logo
TT Electronics.
F524 TTELEC-F524 Datasheet
347Kb / 2P
   Dual Function Fuse Resistors
More results

Similar Description - F524650DB8C

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
FD270 IVO-FD270 Datasheet
376Kb / 2P
   Totalizers electromechanic
F503 IVO-F503 Datasheet
525Kb / 4P
   Totalizers electromechanic
F102 IVO-F102 Datasheet
551Kb / 4P
   Totalizers electromechanic
F304 IVO-F304 Datasheet
571Kb / 4P
   Totalizers electromechanic
H127 IVO-H127 Datasheet
494Kb / 4P
   Totalizers mechanic
FS218 IVO-FS218 Datasheet
471Kb / 4P
   Preset counters electromechanic
T130 IVO-T130 Datasheet
294Kb / 2P
   Totalizers mechanic
H126 IVO-H126 Datasheet
346Kb / 2P
   Totalizers mechanic
H400 IVO-H400 Datasheet
508Kb / 4P
   Totalizers mechanic
N208 IVO-N208 Datasheet
395Kb / 2P
   Totalizers electronic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com