Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATR0622P1 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATR0622P1
Description  GPS Baseband Processor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0622P1 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATR0622P1 Datasheet HTML 1Page - ATMEL Corporation ATR0622P1 Datasheet HTML 2Page - ATMEL Corporation ATR0622P1 Datasheet HTML 3Page - ATMEL Corporation ATR0622P1 Datasheet HTML 4Page - ATMEL Corporation ATR0622P1 Datasheet HTML 5Page - ATMEL Corporation ATR0622P1 Datasheet HTML 6Page - ATMEL Corporation ATR0622P1 Datasheet HTML 7Page - ATMEL Corporation ATR0622P1 Datasheet HTML 8Page - ATMEL Corporation ATR0622P1 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
4973AS–GPS–12/07
ATR0622P1
3.
Pin Configuration
3.1
Pinout
Figure 3-1.
Pinout QFN56 (Top View)
42
29
114
43
28
56
15
ATR0622P1
Table 3-1.
ATR0622P1 Pinout
Pin Name
QFN56
Pin Type
Pull Resistor
(Reset Value)(1)
Firmware Label
PIO Bank A
IO
CLK23
37
IN
DBG_EN
8
IN
PD
GND
(2)
IN
LDOBAT_IN
21
IN
LDO_EN
25
IN
LDO_IN
20
IN
LDO_OUT
19
OUT
NRESET
41
I/O
Open drain PU
NSHDN
26
OUT
NSLEEP
24
OUT
NTRST
13
IN
PD
P0
40
I/O
PD
NANTSHORT
P1
47
I/O
Configurable (PD)
GPSMODE0
AGCOUT1
P2
46
I/O
Configurable (PD)
BOOT_MODE
“0”
P8
48
I/O
Configurable (PD)
STATUSLED
“0”
P9
29
I/O
PU to VBAT18
EXTINT0
EXTINT0
P12
49
I/O
Configurable (PU)
GPSMODE2
NPCS2
P13
32
I/O
PU to VBAT18
GPSMODE3
EXTINT1
Notes:
1. PD = internal pull-down resistor, PU = internal pull-up resistor, OH = switched to Output High at reset
2. Ground plane
3. VBAT18 represent the internal power supply of the backup power domain.
4. VDDIO is the supply voltage for the following GPIO-pins: P1, P2, P8, P12, P14, P16, P17, P18, P19, P20, P21, P23, P24,
P25, P26, P27 and P29.
5. VDD_USB is the supply voltage for following the USB-pins: USB_DM and USB_DP. For operation of the USB interface, sup-
ply of 3.0V to 3.6V is required.
6. This pin is not connected


Similar Part No. - ATR0622P1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0622P ATMEL-ATR0622P Datasheet
504Kb / 27P
   GPS Baseband Processor
ATR0622P-PYQW ATMEL-ATR0622P-PYQW Datasheet
504Kb / 27P
   GPS Baseband Processor
ATR0622P ATMEL-ATR0622P_08 Datasheet
504Kb / 27P
   GPS Baseband Processor
More results

Similar Description - ATR0622P1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0621P1 ATMEL-ATR0621P1 Datasheet
346Kb / 14P
   GPS Baseband Processor
ATR0622 ATMEL-ATR0622 Datasheet
410Kb / 26P
   GPS Baseband Processor
ATR0620 ATMEL-ATR0620 Datasheet
365Kb / 15P
   GPS BASEBAND PROCESSOR
ATR0621 ATMEL-ATR0621 Datasheet
396Kb / 20P
   GPS Baseband Processor
ATR0622P ATMEL-ATR0622P_08 Datasheet
504Kb / 27P
   GPS Baseband Processor
ATR0625 ATMEL-ATR0625 Datasheet
335Kb / 26P
   GPS Baseband Processor SuperSense
logo
Zarlink Semiconductor I...
GP4020 ZARLINK-GP4020 Datasheet
207Kb / 17P
   GPS Receiver Baseband Processor
logo
ATMEL Corporation
ATR0625P1 ATMEL-ATR0625P1 Datasheet
262Kb / 12P
   GPS Baseband Processor SuperSense
ATR0625P ATMEL-ATR0625P Datasheet
497Kb / 27P
   GPS Baseband Processor SuperSense
logo
List of Unclassifed Man...
PL-6313 ETC1-PL-6313 Datasheet
314Kb / 2P
   Single-Chip GPS Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com