Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ15VDL Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MMBZ15VDL
Description  Double ESD protection diodes for transient overvoltage suppression
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMBZ15VDL Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MMBZ15VDL Datasheet HTML 7Page - NXP Semiconductors MMBZ15VDL Datasheet HTML 8Page - NXP Semiconductors MMBZ15VDL Datasheet HTML 9Page - NXP Semiconductors MMBZ15VDL Datasheet HTML 10Page - NXP Semiconductors MMBZ15VDL Datasheet HTML 11Page - NXP Semiconductors MMBZ15VDL Datasheet HTML 12Page - NXP Semiconductors MMBZ15VDL Datasheet HTML 13Page - NXP Semiconductors MMBZ15VDL Datasheet HTML 14Page - NXP Semiconductors MMBZ15VDL Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MMBZXVCL_MMBZXVDL_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 3 September 2008
11 of 15
NXP Semiconductors
MMBZxVCL; MMBZxVDL series
Double ESD protection diodes for transient overvoltage suppression
10. Package outline
11. Packing information
[1]
For further information and the availability of packing methods, see Section 15.
Fig 10. Package outline SOT23 (TO-236AB)
04-11-04
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
12
3
Table 11.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
MMBZ12VDL
SOT23
4 mm pitch, 8 mm tape and reel
-215
-235
MMBZ15VDL
MMBZ18VCL
MMBZ20VCL
MMBZ27VCL
MMBZ33VCL
MMBZ12VDL/DG
SOT23
4 mm pitch, 8 mm tape and reel
-215
-235
MMBZ15VDL/DG
MMBZ18VCL/DG
MMBZ20VCL/DG
MMBZ27VCL/DG
MMBZ33VCL/DG


Similar Part No. - MMBZ15VDL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ15VDL DIODES-MMBZ15VDL Datasheet
73Kb / 3P
   40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 3 - 2
MMBZ15VDL DIODES-MMBZ15VDL Datasheet
381Kb / 4P
   40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 9 - 2
MMBZ15VDL DIODES-MMBZ15VDL Datasheet
136Kb / 4P
   40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 11 - 2
logo
NXP Semiconductors
MMBZ15VDL NXP-MMBZ15VDL Datasheet
87Kb / 15P
   Double ESD protection diodes for transient overvoltage suppression
Rev. 01-3 September 2008
logo
Nexperia B.V. All right...
MMBZ15VDL NEXPERIA-MMBZ15VDL Datasheet
213Kb / 11P
   Double ESD protection diode for transient overvoltage suppression
11 April 2023
More results

Similar Description - MMBZ15VDL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBZXVCL PHILIPS-MMBZXVCL Datasheet
87Kb / 15P
   Double ESD protection diodes for transient overvoltage suppression
Rev. 01-3 September 2008
MMBZXVAL NXP-MMBZXVAL Datasheet
78Kb / 15P
   Double ESD protection diodes for transient overvoltage suppression
Rev. 01-1 September 2008
MMBZ27VCL NXP-MMBZ27VCL_13 Datasheet
87Kb / 15P
   Double ESD protection diodes for transient overvoltage suppression
Rev. 01-3 September 2008
logo
Nexperia B.V. All right...
MMBZ15VDL-Q NEXPERIA-MMBZ15VDL-Q Datasheet
213Kb / 11P
   Double ESD protection diode for transient overvoltage suppression
13 June 2022
MMBZ27VCL-Q NEXPERIA-MMBZ27VCL-Q Datasheet
217Kb / 11P
   Double ESD protection diode for transient overvoltage suppression
13 June 2022
MMBZ18VCL-Q NEXPERIA-MMBZ18VCL-Q Datasheet
212Kb / 11P
   Double ESD protection diode for transient overvoltage suppression
2 March 2023
MMBZ18VCL NEXPERIA-MMBZ18VCL Datasheet
215Kb / 11P
   Double ESD protection diode for transient overvoltage suppression
17 August 2023
MMBZ15VDL NEXPERIA-MMBZ15VDL Datasheet
213Kb / 11P
   Double ESD protection diode for transient overvoltage suppression
11 April 2023
MMBZ27VCL NEXPERIA-MMBZ27VCL Datasheet
218Kb / 11P
   Double ESD protection diode for transient overvoltage suppression
11 April 2023
MMBZ33VCL NEXPERIA-MMBZ33VCL Datasheet
215Kb / 11P
   Double ESD protection diode for transient overvoltage suppression
17 August 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com