Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G305.2101T4 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # G305.2101T4
Description  Special Encoders & Sensors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

G305.2101T4 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  G305.2101T4 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG G305.2101T4 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.baumerivo.com
Special Encoders & Sensors
1
www.baumerivo.com
www.baumerivo.com
G 305 with single shaft
Features
Low-cost encoder
Optical sensing
Up to 120 pulses with 1 or 2 pulse tracks
Surface mount housing (for measuring wheel)
Shaft at one or both ends
Versatile mounting options
Technical data - electrical ratings
Voltage supply
10...30 VDC
Consumption w/o load
≤40 mA
Resolution (steps/turn)
5...120
Sensing method
Optical
Output frequency
≤10 kHz (1 track)
≤6 kHz (2 tracks)
Output signals
A or A 90° B
Output circuit
Push-pull short-circuit proof
G 305
Technical data - mechanical design
Housing
62.5 x 70 mm
Shaft
ø7 mm single / dual shaft
Protection DIN EN 60529 IP 30 with housing connector
IP 52 with PG cable
Operating speed
≤6000 rpm
Admitted shaft load
≤5 N axial
≤10 N radial
Material
Housing: plastic,
glass-fibre reinforced
Operating temperature
0...+60 °C
Relative humidity
95 % non-condensing
Weight approx.
130 g
E-connection
Connector or cable
Incremental encoder, surface mount housing
Resolution 1...120 pulses
90°
For 1 track
For 2 tracks
Track A
Track A
Track B
Clockwise rotating direction when looking at flange.
Output signals


Similar Part No. - G305.2101T4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
G30 MACOM-G30 Datasheet
469Kb / 3P
   Voltage-Controlled Attenuator Module 100 to 2000 MHz
logo
M/A-COM Technology Solu...
G30 MA-COM-G30 Datasheet
1Mb / 3P
   Voltage-Controlled Attenuator Module 100 to 2000 MHz
logo
Powerbox
G30 POWERBOX-G30 Datasheet
503Kb / 1P
   5WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
logo
Shenzhen Taychipst Elec...
G30 TAYCHIPST-G30 Datasheet
1Mb / 3P
   Silicon Z?밆iodes
logo
XP Power Limited
G30 XPPOWER-G30 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results

Similar Description - G305.2101T4

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GCM2K IVO-GCM2K Datasheet
464Kb / 3P
   Special Encoders & Sensors
G080 IVO-G080 Datasheet
281Kb / 2P
   Special Encoders & Sensors
GCI0L IVO-GCI0L Datasheet
250Kb / 4P
   Special Encoders & Sensors
GNAMG IVO-GNAMG Datasheet
678Kb / 4P
   Special Encoders & Sensors
GCI0K IVO-GCI0K Datasheet
494Kb / 6P
   Special Encoders & Sensors
logo
ASM GmbH
PRAS1 ASM-SENSOR-PRAS1 Datasheet
2Mb / 52P
   Angle Sensors and Encoders Contents
logo
Omron Electronics LLC
E3C-1 OMRON-E3C-1 Datasheet
883Kb / 18P
   Special-Purpose Photoelectric Sensors
E3C-S10 OMRON-E3C-S10 Datasheet
930Kb / 18P
   Special-Purpose Photoelectric Sensors
logo
Sensortechnics GmbH
RPUM050G6B SENSORTECHNICS-RPUM050G6B Datasheet
181Kb / 16P
   Pressure sensors with special fittings
logo
Vishay Siliconix
NTCLP100E3103H VISHAY-NTCLP100E3103H Datasheet
95Kb / 6P
   NTC Thermistors, Special Long Lead Sensors
Revision: 03-May-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com