Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM3168ATPAPQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168ATPAPQ1
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168ATPAPQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM3168ATPAPQ1 Datasheet HTML 4Page - Texas Instruments PCM3168ATPAPQ1 Datasheet HTML 5Page - Texas Instruments PCM3168ATPAPQ1 Datasheet HTML 6Page - Texas Instruments PCM3168ATPAPQ1 Datasheet HTML 7Page - Texas Instruments PCM3168ATPAPQ1 Datasheet HTML 8Page - Texas Instruments PCM3168ATPAPQ1 Datasheet HTML 9Page - Texas Instruments PCM3168ATPAPQ1 Datasheet HTML 10Page - Texas Instruments PCM3168ATPAPQ1 Datasheet HTML 11Page - Texas Instruments PCM3168ATPAPQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
DEVICE INFORMATION
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
MODE
DGND1
VDD1
MS/ADR0/MD0
MDO/ADR1/MD1
MDI/SDA/DEMP
MC/SCL/FMT
SCKI
DIN4
DIN3
DIN2
DIN1
BCKDA
LRCKDA
VCCDA2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VCOMAD
AGNDAD2
VCCAD2
RST
OVF
LRCKAD
BCKAD
DOUT1
DOUT2
DOUT3
DGND2
VDD2
ZERO
VCCDA1
VCOMDA
AGNDDA1
64
63
62
61
60
59
58
57
56
55
54
17
18
19
20
21
22
23
24
25
26
27
53
52
51
50
49
28
29
30
31
32
PCM3168A
PCM3168A-Q1
PowerPAD
(ConnectedtoAnalogGround)
AGNDDA2
PCM3168A
PCM3168A-Q1
SBAS452 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS: DAC Characteristics (continued)
All specifications at TA = +25°C, VCCAD1 = VCCAD2 = VCCDA1 = VCCDA2 = 5 V, VDD1 = VDD2 = 3.3 V, fS = 48 kHz,
SCKI = 512 fS, 24-bit data, Sampling Mode = Auto for ADC and DAC, and Interface Mode = Slave for ADC and DAC, unless
otherwise noted.
PCM3168A, PCM3168A-Q1
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE RANGE
PCM3168A Consumer grade
–40
+85
°C
Operating temperature
PCM3168A-Q1 Automotive audio
–40
+105
°C
grade
Thermal resistance
θ
JA
HTQFP-64
+21
°C/W
HTQFP-64 (12 mm x 12 mm)
(10-mm x 10-mm body, 0.5-mm pitch)
(TOP VIEW)
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM3168A PCM3168A-Q1


Similar Part No. - PCM3168ATPAPQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3168ATPAPQ1 TI1-PCM3168ATPAPQ1 Datasheet
2Mb / 66P
[Old version datasheet]   Audio Codec
More results

Similar Description - PCM3168ATPAPQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3168A TI-PCM3168A_15 Datasheet
1Mb / 68P
[Old version datasheet]   24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PCM3168A-Q1 TI-PCM3168A-Q1_15 Datasheet
1Mb / 68P
[Old version datasheet]   24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Texas Instruments
PCM3010 TI-PCM3010 Datasheet
434Kb / 31P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
logo
Cirrus Logic
CS42448 CIRRUS-CS42448 Datasheet
1Mb / 70P
   108 dB, 192 kHz 6-in, 8-out CODEC
CS42448 CIRRUS-CS42448_06 Datasheet
1Mb / 64P
   108 dB, 192 kHz 6-In, 8-Out CODEC
CS42448 CIRRUS-CS42448_07 Datasheet
1Mb / 64P
   108 dB, 192 kHz 6-In, 8-Out CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com