Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GE355.A703115 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # GE355.A703115
Description  Incremental encoders
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GE355.A703115 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GE355.A703115 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GE355.A703115 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GE355.A703115 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GE355.A703115 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Incremental encoders
www.baumerivo.com
2
GE355
Part number
GE355. A
See part number (pulses)
E-connection
31 Cable 1 m, axial
41 Cable 1 m, radial
Voltage supply / signals
22 5 VDC / linedriver RS422
70 4.75...30 VDC / push-pull
72 4.75...30 VDC / linedriver
RS422 (5 VDC)
Flange / Shaft
A Clamping flange / ø10 mm IP 67
Part number (pulses)
49 (5)
57 (128)
22 (1000)
30 (2500)
36 (10)
06 (200)
23 (1024)
31 (3600)
50 (25)
09 (250)
24 (1250)
34 (4096)
39 (50)
13 (360)
26 (1500)
35 (5000)
40 (60)
14 (400)
28 (2000)
48 (6000)
41 (100)
15 (500)
29 (2048)
Stainless steel housing, shaft with clamping flange
Resolution 5...6000 pulses
Other pulse numbers upon request.
Example: ordering key 23 = 1024 pulses


Similar Part No. - GE355.A703115

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
GE3527TC-IPG YSTONE-GE3527TC-IPG Datasheet
573Kb / 3P
   CERAMIC BASIC TYPE HIGH-PERFORMANCE LEDS
More results

Similar Description - GE355.A703115

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
   Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
   Incremental encoders
GI341 IVO-GI341 Datasheet
576Kb / 4P
   Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
   Incremental encoders
GI321 IVO-GI321 Datasheet
366Kb / 2P
   Incremental encoders
logo
List of Unclassifed Man...
P4111-AQ120 ETC1-P4111-AQ120 Datasheet
31Kb / 2P
   Incremental Encoders
logo
Baumer IVO GmbH & Co. K...
GE333 IVO-GE333 Datasheet
537Kb / 4P
   Incremental encoders
GI331 IVO-GI331 Datasheet
592Kb / 4P
   Incremental encoders
GI328 IVO-GI328 Datasheet
423Kb / 2P
   Incremental encoders
GI338 IVO-GI338 Datasheet
474Kb / 2P
   Incremental encoders
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com