Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC2103 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC2103
Description  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2103 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC2103 Datasheet HTML 7Page - NXP Semiconductors LPC2103 Datasheet HTML 8Page - NXP Semiconductors LPC2103 Datasheet HTML 9Page - NXP Semiconductors LPC2103 Datasheet HTML 10Page - NXP Semiconductors LPC2103 Datasheet HTML 11Page - NXP Semiconductors LPC2103 Datasheet HTML 12Page - NXP Semiconductors LPC2103 Datasheet HTML 13Page - NXP Semiconductors LPC2103 Datasheet HTML 14Page - NXP Semiconductors LPC2103 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LPC2101_02_03_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 7 October 2008
11 of 32
NXP Semiconductors
LPC2101/02/03
Single-chip 16-bit/32-bit microcontrollers
6.3 On-chip static RAM
On-chip static RAM may be used for code and/or data storage. The SRAM may be
accessed as 8-bits, 16-bits, and 32-bits. The LPC2101/02/03 provide 2 kB, 4 kB or 8 kB of
static RAM.
6.4 Memory map
The LPC2101/02/03 memory map incorporates several distinct regions, as shown in
Figure 4.
In addition, the CPU interrupt vectors may be re-mapped to allow them to reside in either
flash memory (the default) or on-chip static RAM. This is described in Section 6.17
“System control”.
Fig 4.
LPC2101/02/03 memory map
AHB PERIPHERALS
APB PERIPHERALS
RESERVED ADDRESS SPACE
RESERVED ADDRESS SPACE
BOOT BLOCK
RESERVED ADDRESS SPACE
8 kB ON-CHIP STATIC RAM (LPC2103)
2 kB ON-CHIP STATIC RAM (LPC2101)
32 kB ON-CHIP NON-VOLATILE MEMORY
(LPC2103)
0xFFFF FFFF
0xF000 0000
0xE000 0000
0xC000 0000
0x8000 0000
0x7FFF FFFF
0x4000 1000
0x4000 07FF
0x4000 2000
0x4000 1FFF
4 kB ON-CHIP STATIC RAM (LPC2102)
0x4000 0800
0x4000 0FFF
0x7FFF E000
0x7FFF DFFF
0x4000 0000
0x0000 8000
0x0000 7FFF
0x0000 4000
4.0 GB
3.75 GB
3.5 GB
3.0 GB
2.0 GB
1.0 GB
16 kB ON-CHIP NON-VOLATILE MEMORY
(LPC2102)
0x0000 3FFF
0x0000 2000
8 kB ON-CHIP NON-VOLATILE MEMORY
(LPC2101)
0x0000 1FFF
0x0000 0000
0.0 GB
002aab822


Similar Part No. - LPC2103

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2103 PHILIPS-LPC2103 Datasheet
160Kb / 32P
   Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
Rev. 01-18 January 2006
LPC2103 NXP-LPC2103 Datasheet
203Kb / 37P
   Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
Rev. 04-2 June 2009
LPC2103 NXP-LPC2103 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
LPC2103FA44 PHILIPS-LPC2103FA44 Datasheet
160Kb / 32P
   Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
Rev. 01-18 January 2006
LPC2103FBD48 PHILIPS-LPC2103FBD48 Datasheet
160Kb / 32P
   Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
Rev. 01-18 January 2006
More results

Similar Description - LPC2103

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2101 NXP-LPC2101_09 Datasheet
203Kb / 37P
   Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
Rev. 04-2 June 2009
LPC2101 PHILIPS-LPC2101_15 Datasheet
203Kb / 37P
   Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
Rev. 04-2 June 2009
LPC2101 PHILIPS-LPC2101 Datasheet
160Kb / 32P
   Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
Rev. 01-18 January 2006
LPC2103FBD48.151 NXP-LPC2103FBD48.151 Datasheet
203Kb / 37P
   Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
Rev. 04-2 June 2009
LPC2104 PHILIPS-LPC2104 Datasheet
155Kb / 32P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP Flash with 64 kB/32 kB/16 kB RAM
Rev. 04-05 February 2004
LPC2104 NXP-LPC2104 Datasheet
200Kb / 41P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2106BBD48.151 NXP-LPC2106BBD48.151 Datasheet
200Kb / 41P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2114 PHILIPS-LPC2114_15 Datasheet
309Kb / 42P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2104 PHILIPS-LPC2104_15 Datasheet
200Kb / 41P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2114 NXP-LPC2114_11 Datasheet
309Kb / 42P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com