Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GNAMG Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # GNAMG
Description  Special Encoders & Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GNAMG Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GNAMG Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GNAMG Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GNAMG Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GNAMG Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Special Encoders & Sensors
www.baumerivo.com
2
GNAMG
Part number
GNAMG. 0
Interface
5P32
CANopen / cable gland
5PA2
CANopen / connector M12
3P32
Profibus-DPV0 / cable gland
3PA2
Profibus-DPV0 / connector
M12
Measuring range
21 Dual axes ±15°
22 Dual axes ±30°
23 Dual axes ±60°
15 Single axis 360° (no end stop)
Housing
0 Bus cover with mounting plate
99 x 60 mm
Sensing range 15°, 30°, 60°, 360°
CANopen / Profibus-DP
Accessories
Connectors and cables (page %S)
Z 180.005
Female connector M12, 5-pin, 5 m cable
Z 180.007
Female connector M12, 5-pin, 10 m cable
Z 181.005
Cable connector M12, 5-pin, 5 m cable
Connection M2 / M3, continuative bus
Programming accessories (page %S)
Z 150.022
CD with describing files & manuals
CANopen – M12 connector
Connector Assignment Description
Pin 1
GND
Ground connection relating to UB
Pin 2
UB
Voltage supply 10...30 VDC
Pin 3
Pin 4
CAN_H
CAN bus signal (dominant High)
Pin 5
CAN_L
CAN bus signal (dominant Low)
1
2
3
4
5
1
2
3
4
5
M12 connector (male / female)
A-coded
Profibus – M12 connector
Pin 1
UB
Voltage supply 10...30 VDC
Pin 3
GND
Ground connection relating to UB
1
3
4
2
Pin 2
A
Negative data line
Pin 4
B
Positive data line
1
3
4
5
2
4
3
5
1
2
Terminals of the same significance are internally connected
and identical in their functions. Max. load on the internal
terminal connections UB-UB and GND-GND is 1 A each.
M12 connector (male)
A-coded
M12 connector (male / female)
B-coded
Terminal assignment
CD with file descriptions is not included in the delivery. You
may order them on CD as accessory free-of-charge.


Similar Description - GNAMG

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G305 IVO-G305 Datasheet
342Kb / 2P
   Special Encoders & Sensors
GCM2K IVO-GCM2K Datasheet
464Kb / 3P
   Special Encoders & Sensors
G080 IVO-G080 Datasheet
281Kb / 2P
   Special Encoders & Sensors
GCI0L IVO-GCI0L Datasheet
250Kb / 4P
   Special Encoders & Sensors
GCI0K IVO-GCI0K Datasheet
494Kb / 6P
   Special Encoders & Sensors
logo
ASM GmbH
PRAS1 ASM-SENSOR-PRAS1 Datasheet
2Mb / 52P
   Angle Sensors and Encoders Contents
logo
Omron Electronics LLC
E3C-1 OMRON-E3C-1 Datasheet
883Kb / 18P
   Special-Purpose Photoelectric Sensors
E3C-S10 OMRON-E3C-S10 Datasheet
930Kb / 18P
   Special-Purpose Photoelectric Sensors
logo
Sensortechnics GmbH
RPUM050G6B SENSORTECHNICS-RPUM050G6B Datasheet
181Kb / 16P
   Pressure sensors with special fittings
logo
Vishay Siliconix
NTCLP100E3103H VISHAY-NTCLP100E3103H Datasheet
95Kb / 6P
   NTC Thermistors, Special Long Lead Sensors
Revision: 03-May-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com