Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1506A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ISP1506A
Description  ULPI Hi-Speed USB OTG transceiver
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1506A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ISP1506A_08 Datasheet HTML 4Page - NXP Semiconductors ISP1506A_08 Datasheet HTML 5Page - NXP Semiconductors ISP1506A_08 Datasheet HTML 6Page - NXP Semiconductors ISP1506A_08 Datasheet HTML 7Page - NXP Semiconductors ISP1506A_08 Datasheet HTML 8Page - NXP Semiconductors ISP1506A_08 Datasheet HTML 9Page - NXP Semiconductors ISP1506A_08 Datasheet HTML 10Page - NXP Semiconductors ISP1506A_08 Datasheet HTML 11Page - NXP Semiconductors ISP1506A_08 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
ISP1506A_ISP1506B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 28 August 2008
7 of 79
NXP Semiconductors
ISP1506A; ISP1506B
ULPI HS USB OTG transceiver
7.
Functional description
7.1 ULPI interface controller
The ISP1506 provides an 8-pin interface that is compliant with Ref. 3 “UTMI+ Low Pin
Interface (ULPI) Specification Rev. 1.1”. This interface must be connected to the USB link.
The ULPI interface controller provides the following functions:
ULPI compliant and register set
Allows full control over the USB peripheral, host and OTG functionality
Parses the USB transmit and receive data
Prioritizes the USB receive data, USB transmit data, interrupts and register operations
Control of the VBUS charge pump or external source
VBUS monitoring, charging and discharging
Low-power mode
3-pin serial mode
Generates RXCMDs (status updates)
Maskable interrupts
Control over the ULPI bus state; can attach weak pull-down resistors to DATA[3:0]
For more information on the ULPI protocol, see Section 9.
7.2 USB data serializer and deserializer
The USB data serializer prepares data to transmit on the USB bus. To transmit data, the
USB link sends a transmit command and data on the ULPI bus. The serializer performs
parallel-to-serial conversion, bit stuffing and NRZI encoding. For packets with a PID, the
serializer adds a SYNC pattern to the start of the packet, and an EOP pattern to the end
of the packet. When the serializer is busy and cannot accept any more data, the ULPI
interface controller deasserts NXT.
The USB data deserializer decodes data received from the USB bus. When data is
received, the deserializer strips the SYNC and EOP patterns, and then performs
serial-to-parallel conversion, NRZI decoding and discarding of stuff bits on the data
payload. The ULPI interface controller sends data to the USB link by asserting DIR, and
then asserting NXT whenever a byte is ready. The deserializer also detects various
receive errors, including bit stuff errors, elasticity buffer underrun or overrun, and
byte-alignment errors.
7.3 Hi-Speed USB (USB 2.0) ATX
The Hi-Speed USB ATX block is an analog front-end containing the circuitry needed to
transmit, receive and terminate the USB bus in high-speed, full-speed and low-speed, for
USB peripheral, host and OTG implementations. The following circuitry is included:
Differential drivers to transmit data at high-speed, full-speed and low-speed
Differential and single-ended receivers to receive data at high-speed, full-speed and
low-speed


Similar Part No. - ISP1506A_08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1506ABS NXP-ISP1506ABS Datasheet
400Kb / 79P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01 - 30 May 2007
More results

Similar Description - ISP1506A_08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1512A NXP-ISP1512A Datasheet
285Kb / 56P
   ULPI Hi-Speed USB transceiver
Rev. 01-31 July 2008
logo
Microchip Technology
USB334X MICROCHIP-USB334X Datasheet
1Mb / 92P
   Enhanced Single Supply Hi-Speed USB ULPI Transceiver
10/25/17
USB3370 MICROCHIP-USB3370 Datasheet
1Mb / 75P
   Enhanced Single Supply Hi-Speed USB ULPI Transceiver
01/27/15
logo
NXP Semiconductors
ISP1505C NXP-ISP1505C Datasheet
393Kb / 76P
   ULPI Hi-Speed USB host and peripheral transceiver
Rev. 03-26 August 2008
logo
List of Unclassifed Man...
ISP1507A ETC2-ISP1507A Datasheet
1Mb / 81P
   ULPI Hi-Speed USB On-The-Go transceiver
logo
SMSC Corporation
USB332X SMSC-USB332X Datasheet
247Kb / 10P
   Miniature Hi-Speed USB Transceiver with 1.8V ULPI Interface
USB3320C-EZK-TR SMSC-USB3320C-EZK-TR Datasheet
1Mb / 82P
   Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
logo
Microchip Technology
USB3320C-EZK-TR MICROCHIP-USB3320C-EZK-TR Datasheet
1Mb / 82P
   Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
Revision 1.0 (07-14-09)
USB3320 MICROCHIP-USB3320 Datasheet
1Mb / 70P
   Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
01/27/15
logo
SMSC Corporation
USB3300 SMSC-USB3300_06 Datasheet
719Kb / 49P
   Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com