Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GI328.0223141 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # GI328.0223141
Description  Incremental encoders
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GI328.0223141 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GI328.0223141 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GI328.0223141 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.baumerivo.com
www.baumerivo.com
Incremental encoders
www.baumerivo.com
2
GI328
Part number
GI328.
See part number (pulses)
E-connection
31 Cable 1 m, axial
41 Cable 1 m, radial
Voltage supply / signals
22 5 VDC / linedriver RS422
60 10…30 VDC / push-pull
Shaft
0 Shaft ø5 mm / IP 65
1 Shaft ø5 mm / IP 42
Mini series, with shaft
Resolution 5...2048 pulses
Part number (pulses)
49 (5)
06 (200)
15 (500)
29 (2048)
39 (50)
09 (250)
22 (1000)
40 (60)
13 (360)
23 (1024)
41 (100)
14 (400)
28 (2000)
Other pulse numbers upon request.
Example: ordering key 23 = 1024 pulses
Linedriver
Core colour Assignment
brown
UB
green
Track A
red
Track A inv.
yellow
Track B
blue
Track B inv.
pink
Track N (zero pulse)
grey
Track N inv. (zero pulse inv.)
white
GND
Push-pull
Core colour Assignment
brown
UB
green
Track A
yellow
Track B
pink
Track N (zero pulse)
white
GND
Please use cores twisted in pairs (for example track A /
track A inv.) for extension cables of more than 10 m length.
Terminal assignment
Dimensions
120°
23
30
1.8
2
12
2.2
33.5
10
120°
23
30
1.8
2
11
2.2
33.5
12
Outputs
Linedriver RS422
Output level High
>2.4 V (I = -20 mA)
Output level Low
<0.4 V (I = 20 mA)
Load High
<20 mA
Load Low
<20 mA
Outputs
Push-pull circuit-proof
Output level High
>UB -2.7 V (I = -10 mA)
Output level Low
<0.2 V (I = 20 mA)
Load High
<20 mA
Load Low
<20 mA
Trigger level


Similar Part No. - GI328.0223141

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GI320 IVO-GI320 Datasheet
323Kb / 2P
   Incremental encoders
GI321 IVO-GI321 Datasheet
366Kb / 2P
   Incremental encoders
GI321.0224106 IVO-GI321.0224106 Datasheet
366Kb / 2P
   Incremental encoders
GI321.0224111 IVO-GI321.0224111 Datasheet
366Kb / 2P
   Incremental encoders
GI321.0224113 IVO-GI321.0224113 Datasheet
366Kb / 2P
   Incremental encoders
More results

Similar Description - GI328.0223141

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
   Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
   Incremental encoders
GI341 IVO-GI341 Datasheet
576Kb / 4P
   Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
   Incremental encoders
GE355 IVO-GE355 Datasheet
526Kb / 4P
   Incremental encoders
GI321 IVO-GI321 Datasheet
366Kb / 2P
   Incremental encoders
logo
List of Unclassifed Man...
P4111-AQ120 ETC1-P4111-AQ120 Datasheet
31Kb / 2P
   Incremental Encoders
logo
Baumer IVO GmbH & Co. K...
GE333 IVO-GE333 Datasheet
537Kb / 4P
   Incremental encoders
GI331 IVO-GI331 Datasheet
592Kb / 4P
   Incremental encoders
GI338 IVO-GI338 Datasheet
474Kb / 2P
   Incremental encoders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com