Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF40098B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # HEF40098B
Description  3-state hex inverting buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF40098B Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button HEF40098B Datasheet HTML 2Page - NXP Semiconductors HEF40098B Datasheet HTML 3Page - NXP Semiconductors HEF40098B Datasheet HTML 4Page - NXP Semiconductors HEF40098B Datasheet HTML 5Page - NXP Semiconductors HEF40098B Datasheet HTML 6Page - NXP Semiconductors HEF40098B Datasheet HTML 7Page - NXP Semiconductors HEF40098B Datasheet HTML 8Page - NXP Semiconductors HEF40098B Datasheet HTML 9Page - NXP Semiconductors HEF40098B Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HEF40098B_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 31 October 2008
6 of 12
NXP Semiconductors
HEF40098B
3-state hex inverting buffer
12. AC waveforms
Measurement points are given in Table 9, VOL and VOH are typical output voltage levels that occur with the output load.
Fig 4.
Input (nAn) to output (nYn) propagation delays
Measurement points are given in Table 9, VOL and VOH are typical output voltage levels that occur with the output load.
Fig 5.
3-state enable and disable times
001aai615
input
output
tPLH
tPHL
0 V
VI
VM
VM
VOH
VOL
tTLH
tTHL
90 %
10 %
mgu782
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
nYn output
LOW-to-OFF
OFF-to-LOW
nYn output
HIGH-to-OFF
OFF-to-HIGH
nOE input
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
Table 9.
Measurement points
Supply voltage
Input
Output
VDD
VM
VM
VX
VY
5 V to 15 V
0.5VDD
0.5VDD
0.1VDD
0.9VDD


Similar Part No. - HEF40098B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40098B PHILIPS-HEF40098B Datasheet
39Kb / 4P
   3-state hex inverting buffer
January 1995
logo
Nexperia B.V. All right...
HEF40098B NEXPERIA-HEF40098B Datasheet
735Kb / 12P
   Hex inverting buffer; 3-state
Rev. 9 - 18 March 2016
logo
NXP Semiconductors
HEF40098BD PHILIPS-HEF40098BD Datasheet
39Kb / 4P
   3-state hex inverting buffer
January 1995
HEF40098BF PHILIPS-HEF40098BF Datasheet
39Kb / 4P
   3-state hex inverting buffer
January 1995
HEF40098BN PHILIPS-HEF40098BN Datasheet
39Kb / 4P
   3-state hex inverting buffer
January 1995
More results

Similar Description - HEF40098B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40098B PHILIPS-HEF40098B_15 Datasheet
180Kb / 13P
   Hex inverting buffer; 3-state
Rev. 8-21 November 2011
logo
Nexperia B.V. All right...
HEF40098B NEXPERIA-HEF40098B Datasheet
735Kb / 12P
   Hex inverting buffer; 3-state
Rev. 9 - 18 March 2016
logo
ON Semiconductor
MC74HCT366A ONSEMI-MC74HCT366A_14 Datasheet
131Kb / 7P
   Hex 3-State Inverting Buffer
March, 2014 ??Rev. 2
logo
NXP Semiconductors
HEF40098B PHILIPS-HEF40098B Datasheet
39Kb / 4P
   3-state hex inverting buffer
January 1995
logo
ON Semiconductor
MC74HC368A ONSEMI-MC74HC368A Datasheet
123Kb / 7P
   Hex 3-State Inverting Buffer
June, 2013 ??Rev. 2
MC14503B ONSEMI-MC14503B Datasheet
185Kb / 8P
   Hex Non-Inverting 3-State Buffer
March, 2000 ??Rev. 3
MC14503B ONSEMI-MC14503B_11 Datasheet
136Kb / 7P
   Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
logo
NXP Semiconductors
HEF40097B PHILIPS-HEF40097B Datasheet
38Kb / 4P
   3-state hex non-inverting buffer
January 1995
logo
Motorola, Inc
MC14503B MOTOROLA-MC14503B Datasheet
214Kb / 6P
   Hex Non-Inverting 3-State Buffer
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B_14 Datasheet
106Kb / 5P
   Hex Non-Inverting 3-State Buffer
July, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com