Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4044BT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # HEF4044BT
Description  Quad R/S latch with 3-state outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4044BT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button HEF4044BT Datasheet HTML 2Page - NXP Semiconductors HEF4044BT Datasheet HTML 3Page - NXP Semiconductors HEF4044BT Datasheet HTML 4Page - NXP Semiconductors HEF4044BT Datasheet HTML 5Page - NXP Semiconductors HEF4044BT Datasheet HTML 6Page - NXP Semiconductors HEF4044BT Datasheet HTML 7Page - NXP Semiconductors HEF4044BT Datasheet HTML 8Page - NXP Semiconductors HEF4044BT Datasheet HTML 9Page - NXP Semiconductors HEF4044BT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
HEF4044B_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 11 November 2008
6 of 13
NXP Semiconductors
HEF4044B
Quad R/S latch with 3-state outputs
12. Waveforms
Table 8.
Dynamic power dissipation PD
PD can be calculated from the formulas shown. VSS = 0 V; tr = tf ≤ 20 ns; Tamb = 25 °C.
Symbol
Parameter
VDD
Typical formula for PD (µW)
where:
PD
dynamic power
dissipation
5 V
PD = 1300 × fi + Σ(fo × CL) × VDD2
fi = input frequency in MHz,
fo = output frequency in MHz,
CL = output load capacitance in pF,
VDD = supply voltage in V,
Σ(C
L × fo) = sum of the outputs.
10 V
PD = 5200 × fi + Σ(fo × CL) × VDD2
15 V
PD = 12900 × fi + Σ(fo × CL) × VDD2
measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 4.
Set (nS) and reset (nR) inputs pulse width and propagation delay to latch output (nQ) and
output nQ transition time
001aai543
output nQ
input nS
tTHL
tTLH
VOL
VOH
VM
VM
VM
VI
0 V
tr
tf
tW
tW
90 %
10 %
input nR
VI
0 V
10 %
90 %
tPLH
tPHL


Similar Part No. - HEF4044BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4044BT PHILIPS-HEF4044BT Datasheet
47Kb / 5P
   Quadruple R/S latch with 3-state outputs
January 1995
More results

Similar Description - HEF4044BT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4043B-Q100 NEXPERIA-HEF4043B-Q100 Datasheet
685Kb / 14P
   Quad R/S latch with 3-state outputs
logo
NXP Semiconductors
HEF4043B NXP-HEF4043B Datasheet
81Kb / 13P
   Quad R/S latch with 3-state outputs
Rev. 06-11 November 2008
HEF4043B PHILIPS-HEF4043B_15 Datasheet
158Kb / 14P
   Quad R/S latch with 3-state outputs
Rev. 10-18 November 2011
logo
Nexperia B.V. All right...
HEF4043B NEXPERIA-HEF4043B Datasheet
215Kb / 11P
   Quad R/S latch with 3-state outputs
Rev. 13 - 8 December 2021
logo
Toshiba Semiconductor
TC4044BP TOSHIBA-TC4044BP Datasheet
238Kb / 6P
   QUAD 3-STATE R/S LATCH(Quad NAND R/S Latch)
TC4044BP TOSHIBA-TC4044BP_07 Datasheet
290Kb / 9P
   Quad 3-State R/S Latch
logo
System Logic Semiconduc...
SL4043B SLS-SL4043B Datasheet
44Kb / 6P
   Quad 3-State R/S Latch
logo
NXP Semiconductors
HEF4043B PHILIPS-HEF4043B Datasheet
46Kb / 5P
   Quadruple R/S latch with 3-state outputs
January 1995
HEF4044B PHILIPS-HEF4044B Datasheet
47Kb / 5P
   Quadruple R/S latch with 3-state outputs
January 1995
logo
Fairchild Semiconductor
CD4043BC FAIRCHILD-CD4043BC Datasheet
68Kb / 6P
   Quad 3-STATE NOR R/S Latches . Quad 3-STATE NAND R/S Latches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com