Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4027B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HEF4027B
Description  Dual JK flip-flop
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4027B Datasheet(HTML) 5 Page - NXP Semiconductors

  HEF4027B Datasheet HTML 1Page - NXP Semiconductors HEF4027B Datasheet HTML 2Page - NXP Semiconductors HEF4027B Datasheet HTML 3Page - NXP Semiconductors HEF4027B Datasheet HTML 4Page - NXP Semiconductors HEF4027B Datasheet HTML 5Page - NXP Semiconductors HEF4027B Datasheet HTML 6Page - NXP Semiconductors HEF4027B Datasheet HTML 7Page - NXP Semiconductors HEF4027B Datasheet HTML 8Page - NXP Semiconductors HEF4027B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
HEF4027B_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 10 November 2008
5 of 13
NXP Semiconductors
HEF4027B
Dual JK flip-flop
10. Static characteristics
Table 6.
Static characteristics
VSS = 0 V; VI = VSS or VDD; unless otherwise specified.
Symbol
Parameter
Conditions
VDD
Tamb = −40 °C
Tamb = 25 °C
Tamb = 85 °C Unit
Min
Max
Min
Max
Min
Max
VIH
HIGH-level input voltage
|I
O| < 1 µA
5 V
3.5
-
3.5
-
3.5
-
V
10 V
7.0
-
7.0
-
7.0
-
V
15 V
11.0
-
11.0
-
11.0
-
V
VIL
LOW-level input voltage
|I
O| < 1 µA
5 V
-
1.5
-
1.5
-
1.5
V
10 V
-
3.0
-
3.0
-
3.0
V
15 V
-
4.0
-
4.0
-
4.0
V
VOH
HIGH-level output voltage
|I
O| < 1 µA
5 V
4.95
-
4.95
-
4.95
-
V
10 V
9.95
-
9.95
-
9.95
-
V
15 V
14.95
-
14.95
-
14.95
-
V
VOL
LOW-level output voltage
|IO| < 1 µA
5 V
-
0.05
-
0.05
-
0.05
V
10 V
-
0.05
-
0.05
-
0.05
V
15 V
-
0.05
-
0.05
-
0.05
V
IOH
HIGH-level output current
VO = 2.5 V
5 V
−1.7
-
−1.4
-
−1.1
-
mA
VO = 4.6 V
5 V
−0.52
-
−0.44
-
−0.36
-
mA
VO = 9.5 V
10 V
−1.3
-
−1.1
-
−0.9
-
mA
VO = 13.5 V
15 V
−3.6
-
−3.0
-
−2.4
-
mA
IOL
LOW-level output current
VO = 0.4 V
5 V
0.52
-
0.44
-
0.36
-
mA
VO = 0.5 V
10 V
1.3
-
1.1
-
0.9
-
mA
VO = 1.5 V
15 V
3.6
-
3.0
-
2.4
-
mA
II
input leakage current
15 V
-
±0.3
-
±0.3
-
±1.0 µA
IDD
supply current
IO = 0 A
5 V
-
4.0
-
4.0
-
30
µA
10 V
-
8.0
-
8.0
-
60
µA
15 V
-
16.0
-
16.0
-
120
µA
CI
input capacitance
-
-
-
-
7.5
-
-
pF


Similar Part No. - HEF4027B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4027B PHILIPS-HEF4027B Datasheet
64Kb / 5P
   Dual JK flip-flop
January 1995
HEF4027B NXP-HEF4027B Datasheet
108Kb / 14P
   Dual JK flip-flop Rev. 9 ??18 November 2011
Rev. 9-18 November 2011
logo
Nexperia B.V. All right...
HEF4027B NEXPERIA-HEF4027B Datasheet
220Kb / 11P
   Dual JK flip-flop
Rev. 11 - 7 December 2021
HEF4027B-Q100 NEXPERIA-HEF4027B-Q100 Datasheet
684Kb / 13P
   Dual JK flip-flop
logo
NXP Semiconductors
HEF4027BD PHILIPS-HEF4027BD Datasheet
64Kb / 5P
   Dual JK flip-flop
January 1995
More results

Similar Description - HEF4027B

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4027B NEXPERIA-HEF4027B Datasheet
220Kb / 11P
   Dual JK flip-flop
Rev. 11 - 7 December 2021
logo
Integral Corp.
IW4027B INTEGRAL-IW4027B Datasheet
48Kb / 6P
   Dual JK Flip-Flop
logo
KODENSHI_AUK CORP.
KK4027B KODENSHI-KK4027B Datasheet
232Kb / 6P
   Dual JK Flip-Flop
logo
NXP Semiconductors
HEF4027B PHILIPS-HEF4027B Datasheet
64Kb / 5P
   Dual JK flip-flop
January 1995
logo
IK Semicon Co., Ltd
IW4027B IKSEMICON-IW4027B Datasheet
158Kb / 6P
   Dual JK Flip-Flop
logo
List of Unclassifed Man...
GD4027B ETC1-GD4027B Datasheet
89Kb / 3P
   DUAL JK FLIP-FLOP
logo
Nexperia B.V. All right...
HEF4027B-Q100 NEXPERIA-HEF4027B-Q100 Datasheet
684Kb / 13P
   Dual JK flip-flop
logo
List of Unclassifed Man...
74LS76 ETC-74LS76 Datasheet
146Kb / 2P
   DUAL JK FLIP - FLOP
logo
Micrel Semiconductor
SY10EL35 MICREL-SY10EL35_06 Datasheet
50Kb / 4P
   JK FLIP-FLOP
logo
ON Semiconductor
MC10EP35 ONSEMI-MC10EP35 Datasheet
81Kb / 8P
   JK Flip Flop
Sep, 1999 ??Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com