Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4021BT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # HEF4021BT
Description  8-bit static shift register
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4021BT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button HEF4021BT Datasheet HTML 4Page - NXP Semiconductors HEF4021BT Datasheet HTML 5Page - NXP Semiconductors HEF4021BT Datasheet HTML 6Page - NXP Semiconductors HEF4021BT Datasheet HTML 7Page - NXP Semiconductors HEF4021BT Datasheet HTML 8Page - NXP Semiconductors HEF4021BT Datasheet HTML 9Page - NXP Semiconductors HEF4021BT Datasheet HTML 10Page - NXP Semiconductors HEF4021BT Datasheet HTML 11Page - NXP Semiconductors HEF4021BT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
HEF4021B_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 10 November 2008
8 of 14
NXP Semiconductors
HEF4021B
8-bit static shift register
12. Waveforms
Table 8.
Dynamic power dissipation PD
PD can be calculated from the formulas shown. VSS = 0 V; tr = tf ≤ 20 ns; Tamb = 25 °C.
Symbol
Parameter
VDD
Typical formula for PD (µW)
where:
PD
dynamic power
dissipation
5 V
PD = 900 × fi + Σ(fo × CL) × VDD2
fi = input frequency in MHz,
fo = output frequency in MHz,
CL = output load capacitance in pF,
VDD = supply voltage in V,
Σ(C
L × fo) = sum of the outputs.
10 V
PD = 4300 × fi + Σ(fo × CL) × VDD2
15 V
PD = 12000 × fi + Σ(fo × CL) × VDD2
Fig 4.
Waveforms showing propagation delays for CP and PL inputs to Qn output and Qn transition times
Fig 5.
Waveforms showing minimum clock pulse width, set-up time, and hold time for CP and DS.
001aaj060
tt
CP or PL INPUT
Qn OUTPUT
VM
VDD
VSS
VOH
VOL
VM
VX
VY
tt
tPHL
tPLH
001aae611
VM
VDD
VSS
VDD
VSS
1 / fclk(max)
VM
CP INPUT
DS INPUT
tsu
th
tW


Similar Part No. - HEF4021BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4021BT PHILIPS-HEF4021BT Datasheet
70Kb / 6P
   8-bit static shift register
January 1995
logo
Nexperia B.V. All right...
HEF4021BT NEXPERIA-HEF4021BT Datasheet
242Kb / 14P
   8-bit static shift register
Rev. 11 - 1 December 2021
HEF4021BT-Q100 NEXPERIA-HEF4021BT-Q100 Datasheet
766Kb / 15P
   8-bit static shift register
HEF4021BTT NEXPERIA-HEF4021BTT Datasheet
242Kb / 14P
   8-bit static shift register
Rev. 11 - 1 December 2021
HEF4021BTT-Q100 NEXPERIA-HEF4021BTT-Q100 Datasheet
766Kb / 15P
   8-bit static shift register
More results

Similar Description - HEF4021BT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B Datasheet
100Kb / 8P
   8-Bit Static Shift Register
February, 2005 ??Rev. 5
logo
NXP Semiconductors
HEF4014B PHILIPS-HEF4014B Datasheet
89Kb / 6P
   8-bit static shift register
January 1995
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B_14 Datasheet
107Kb / 7P
   8-Bit Static Shift Register
July, 2014 ??Rev. 9
logo
Hitachi Semiconductor
HD14021B HITACHI-HD14021B Datasheet
72Kb / 5P
   8-bit Static Shift Register
logo
Nexperia B.V. All right...
HEF4014B-Q100 NEXPERIA-HEF4014B-Q100 Datasheet
206Kb / 12P
   8-bit static shift register
HEF4021B NEXPERIA-HEF4021B Datasheet
242Kb / 14P
   8-bit static shift register
Rev. 11 - 1 December 2021
logo
NXP Semiconductors
HEF4014BT653 PHILIPS-HEF4014BT653 Datasheet
105Kb / 14P
   8-bit static shift register
Rev. 8-21 November 2011
logo
Nexperia B.V. All right...
HEF4014B NEXPERIA-HEF4014B Datasheet
216Kb / 12P
   8-bit static shift register
Rev. 11 - 24 November 2021
logo
Rohm
BU4021B ROHM-BU4021B Datasheet
59Kb / 5P
   8-bit static shift register
logo
NXP Semiconductors
HEF4014B NXP-HEF4014B Datasheet
105Kb / 14P
   8-bit static shift register
Rev. 8-21 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com