Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC1001D125 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # DAC1001D125
Description  Dual 10-bit DAC, up to 125 Msps
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1001D125 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button DAC1001D125 Datasheet HTML 5Page - NXP Semiconductors DAC1001D125 Datasheet HTML 6Page - NXP Semiconductors DAC1001D125 Datasheet HTML 7Page - NXP Semiconductors DAC1001D125 Datasheet HTML 8Page - NXP Semiconductors DAC1001D125 Datasheet HTML 9Page - NXP Semiconductors DAC1001D125 Datasheet HTML 10Page - NXP Semiconductors DAC1001D125 Datasheet HTML 11Page - NXP Semiconductors DAC1001D125 Datasheet HTML 12Page - NXP Semiconductors DAC1001D125 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DAC1001D125_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 24 November 2008
9 of 25
NXP Semiconductors
DAC1001D125
Dual 10-bit, up to 125 Msps DAC
fs = 52 Msps; fc = 5.24 MHz; α = 0 dBFS
fs = 100 Msps; fc = 20 MHz; α = 0 dBFS
Fig 4.
1-tone SFDR
f (MHz)
0
30
20
10
001aai984
−60
−40
−80
−20
0
α
(dBm)
−100
f (MHz)
0
50
40
20
30
10
001aai986
−60
−40
−80
−20
0
α
(dBm)
−100


Similar Part No. - DAC1001D125

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
DAC1001D125 IDT-DAC1001D125 Datasheet
382Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1001D125 RENESAS-DAC1001D125 Datasheet
385Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
2 July 2012
logo
Integrated Device Techn...
DAC1001D125HL IDT-DAC1001D125HL Datasheet
382Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
More results

Similar Description - DAC1001D125

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DAC1001D125 RENESAS-DAC1001D125 Datasheet
385Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
2 July 2012
logo
Integrated Device Techn...
DAC1001D125 IDT-DAC1001D125 Datasheet
382Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1401D125 RENESAS-DAC1401D125 Datasheet
461Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1401D125 NXP-DAC1401D125 Datasheet
359Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Integrated Device Techn...
DAC1201D125 IDT-DAC1201D125 Datasheet
401Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1201D125 RENESAS-DAC1201D125 Datasheet
405Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1201D125 NXP-DAC1201D125 Datasheet
273Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
Rev. 01-27 November 2008
logo
Integrated Device Techn...
DAC1401D125 IDT-DAC1401D125 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
DAC1401D125HL-C1 IDT-DAC1401D125HL-C1 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1005D750 RENESAS-DAC1005D750 Datasheet
418Kb / 43P
   Dual 10-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com