Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBAMS.F208PA2 Datasheet(PDF) 4 Page - Baumer IVO GmbH & Co. KG

Part # GBAMS.F208PA2
Description  Absolute encoders - modular bus covers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GBAMS.F208PA2 Datasheet(HTML) 4 Page - Baumer IVO GmbH & Co. KG

  GBAMS.F208PA2 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GBAMS.F208PA2 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GBAMS.F208PA2 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GBAMS.F208PA2 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Absolute encoders - modular bus covers
www.baumerivo.com
4
GBAMS, GBMMS - multivoPlus
Optical sensing, high resolution, end shaft
Single and multiturn encoder 18 bit ST / 13 bit MT
CANopen / DeviceNet / EtherCAT / Profibus / SSI / fiber-optic
Dimensions
Profibus-DP, CANopen
60
60
Profibus-DP - M12
DeviceNet
60
60
CANopen, DeviceNet M12
EtherCAT
60
L/A
60
SSI
Fibre-optic
58
20
33
18
33
7.5
85.5
ø14 H7 x 35 (ø12 H7 x 35)
30
15 (9.5)
20
M3
x 6
(6x
)
15°
GBAMS, GBMMS


Similar Part No. - GBAMS.F208PA2

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GBAMH IVO-GBAMH Datasheet
513Kb / 4P
   Absolute encoders - modular bus covers
GBAMH.0203P32 IVO-GBAMH.0203P32 Datasheet
513Kb / 4P
   Absolute encoders - modular bus covers
GBAMH.0205P32 IVO-GBAMH.0205P32 Datasheet
513Kb / 4P
   Absolute encoders - modular bus covers
GBAMH.0208P22 IVO-GBAMH.0208P22 Datasheet
513Kb / 4P
   Absolute encoders - modular bus covers
GBAMH.1203P32 IVO-GBAMH.1203P32 Datasheet
513Kb / 4P
   Absolute encoders - modular bus covers
More results

Similar Description - GBAMS.F208PA2

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GXAMW IVO-GXAMW Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
G1MMH IVO-G1MMH Datasheet
512Kb / 4P
   Absolute encoders - modular bus covers
GXMMW IVO-GXMMW Datasheet
735Kb / 4P
   Absolute encoders - modular bus covers
GEMMW IVO-GEMMW Datasheet
384Kb / 2P
   Absolute encoders - modular bus covers
GXMMS IVO-GXMMS Datasheet
716Kb / 4P
   Absolute encoders - modular bus covers
GBAMW IVO-GBAMW Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
G0AMH IVO-G0AMH Datasheet
512Kb / 4P
   Absolute encoders - modular bus covers
GCMMW IVO-GCMMW Datasheet
683Kb / 4P
   Absolute encoders - modular bus covers
GEMMH IVO-GEMMH Datasheet
494Kb / 4P
   Absolute encoders - modular bus covers
GCMMS IVO-GCMMS Datasheet
664Kb / 4P
   Absolute encoders - modular bus covers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com