Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBP5W.A10M316 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # GBP5W.A10M316
Description  Absolute encoders - bus interfaces
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GBP5W.A10M316 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  GBP5W.A10M316 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GBP5W.A10M316 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GBP5W.A10M316 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GBP5W.A10M316 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.baumerivo.com
Absolute encoders - bus interfaces
1
www.baumerivo.com
www.baumerivo.com
GBP5W with clamping flange
Features
Encoder multiturn / CANopen
Optical sensing
Resolution: singleturn 18 bit, multiturn 14 bit
Clamping flange or synchro flange
High resistance to shock and vibrations
LED status display
CANopen Profile CIA DSP 406
Permanent check of code continuity
Technical data - electrical ratings
Voltage supply
10...30 VDC
Reverse polarity protection Yes
Consumption w/o load
≤50 mA (24 VDC)
Initializing time (typ.)
250 ms after power on
Interface
CANopen
Transmission rate
10...1000 kBaud
Profile conformity
CANopen CIA DSP 406 V 3.0
Operating mode
Event-triggered / Time-triggered
Remotely-requested
Sync (cyclic) / Sync (acyclic)
Identifier
11 bit
Steps per turn
262144 / 18 bit
Number of turns
16384 / 14 bit
Absolute accuracy
±0.01°
Sensing method
Optical
Code
Binary
Code sequence
CW/CCW programmable
Output circuit
CAN bus standard ISO / DIS
11898
Interference immunity
DIN EN 61000-6-2
Emitted interference
DIN EN 61000-6-4
Programmable
parameters
Operating modes
Total resolution
Scaling
Rotation speed monitoring
Diagnostic functions
Position or parameter error
Multiturn sensing
Status indicator
DUO-LED integrated in housing
Approval
UL approval / E63076
GBP5W - CANopen
Technical data - mechanical design
Housing
ø58 mm
Shaft
ø10 mm (clamping flange)
ø6 mm (synchro flange)
Flange
Clamping or synchro flange
Protection DIN EN 60529 IP 54 without shaft seal
IP 65 with shaft seal
Operating speed
≤10000 rpm (mechanical)
≤6000 rpm (electric)
Starting torque
≤0.015 Nm IP 54
≤0.03 Nm IP 65
Rotor moment of inertia
20 gcm²
Admitted shaft load
≤20 N axial
≤40 N radial
Materials
Housing: steel
Flange: aluminium
Operating temperature
-25...+85 °C
-40...+85 °C (optional)
Relative humidity
95 % non-condensing
Resistance
DIN EN 60068-2-6
Vibration 10 g, 16-2000 Hz
DIN EN 60068-2-27
Shock 200 g, 6 ms
Weight approx.
500 g
E-connection
Connector
Shaft with clamping or synchro flange
Multiturn encoder 18 bit ST / 14 bit MT, CANopen


Similar Part No. - GBP5W.A10M316

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GBP5H IVO-GBP5H Datasheet
565Kb / 4P
   Absolute encoders - bus interfaces
GBP5H.010A306 IVO-GBP5H.010A306 Datasheet
565Kb / 4P
   Absolute encoders - bus interfaces
GBP5H.010A316 IVO-GBP5H.010A316 Datasheet
565Kb / 4P
   Absolute encoders - bus interfaces
GBP5H.010M106 IVO-GBP5H.010M106 Datasheet
565Kb / 4P
   Absolute encoders - bus interfaces
GBP5H.010M116 IVO-GBP5H.010M116 Datasheet
565Kb / 4P
   Absolute encoders - bus interfaces
More results

Similar Description - GBP5W.A10M316

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
X700.P111205 IVO-X700.P111205 Datasheet
518Kb / 4P
   Absolute encoders - bus interfaces
GBP5H IVO-GBP5H Datasheet
565Kb / 4P
   Absolute encoders - bus interfaces
GXP5W IVO-GXP5W Datasheet
779Kb / 4P
   Absolute encoders - bus interfaces
GXM7W-RS485 IVO-GXM7W-RS485 Datasheet
688Kb / 4P
   Absolute encoders - bus interfaces
GXM7S-RS485 IVO-GXM7S-RS485 Datasheet
643Kb / 4P
   Absolute encoders - bus interfaces
GXP5S IVO-GXP5S Datasheet
610Kb / 4P
   Absolute encoders - bus interfaces
GXP6W IVO-GXP6W Datasheet
731Kb / 4P
   Absolute encoders - bus interfaces
GXP8W IVO-GXP8W Datasheet
571Kb / 4P
   Absolute encoders - bus interfaces
GXM7W.010A002 IVO-GXM7W.010A002 Datasheet
655Kb / 4P
   Absolute encoders - bus interfaces
G0P5H IVO-G0P5H Datasheet
564Kb / 4P
   Absolute encoders - bus interfaces
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com