Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLF878 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLF878
Description  UHF power LDMOS transistor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF878 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF878 Datasheet HTML 1Page - NXP Semiconductors BLF878 Datasheet HTML 2Page - NXP Semiconductors BLF878 Datasheet HTML 3Page - NXP Semiconductors BLF878 Datasheet HTML 4Page - NXP Semiconductors BLF878 Datasheet HTML 5Page - NXP Semiconductors BLF878 Datasheet HTML 6Page - NXP Semiconductors BLF878 Datasheet HTML 7Page - NXP Semiconductors BLF878 Datasheet HTML 8Page - NXP Semiconductors BLF878 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
BLF878_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 December 2008
2 of 18
NXP Semiconductors
BLF878
UHF power LDMOS transistor
I Integrated ESD protection
I Advanced flange material for optimum thermal behavior and reliability
I Excellent ruggedness
I High power gain
I High efficiency
I Designed for broadband operation (470 MHz to 860 MHz)
I Excellent reliability
I Internal input and output matching for high gain and optimum broadband operation
I Easy power control
I Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances
(RoHS)
1.3 Applications
I Communication transmitter applications in the UHF band
I Industrial applications in the UHF band
2.
Pinning information
[1]
Connected to flange.
3.
Ordering information
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
drain1
2
drain2
3
gate1
4
gate2
5
source
[1]
5
2
4
1
3
4
3
5
1
2
sym117
Table 3.
Ordering information
Type number Package
Name Description
Version
BLF878
-
flanged LDMOST ceramic package; 2 mounting holes; 4 leads SOT979A


Similar Part No. - BLF878

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF878 NXP-BLF878 Datasheet
156Kb / 18P
   UHF power LDMOS transistor
Rev. 02-15 June 2009
BLF878 NXP-BLF878 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLF878 NXP-BLF878_09 Datasheet
156Kb / 18P
   UHF power LDMOS transistor
Rev. 02-15 June 2009
More results

Similar Description - BLF878

ManufacturerPart #DatasheetDescription
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
   UHF power LDMOS transistor
logo
NXP Semiconductors
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
   UHF power LDMOS transistor
Rev. 3-7 December 2010
BLF3G21-6 NXP-BLF3G21-6 Datasheet
103Kb / 12P
   UHF power LDMOS transistor
Rev. 01-25 June 2008
BLF4G20LS-130 NXP-BLF4G20LS-130 Datasheet
85Kb / 11P
   UHF power LDMOS transistor
Rev. 01-1 June 2007
BLF4G22-130 NXP-BLF4G22-130 Datasheet
91Kb / 13P
   UHF power LDMOS transistor
Rev. 01-3 July 2007
BLF647 PHILIPS-BLF647 Datasheet
127Kb / 16P
   UHF power LDMOS transistor
2001 Nov 27
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
   UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
   UHF power LDMOS transistor
1999 Dec 06
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
   UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
   UHF power LDMOS transistor
Rev. 01-20 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com