Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLF6G27S-45 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLF6G27S-45
Description  WiMAX power LDMOS transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF6G27S-45 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLF6G27S-45 Datasheet HTML 1Page - NXP Semiconductors BLF6G27S-45 Datasheet HTML 2Page - NXP Semiconductors BLF6G27S-45 Datasheet HTML 3Page - NXP Semiconductors BLF6G27S-45 Datasheet HTML 4Page - NXP Semiconductors BLF6G27S-45 Datasheet HTML 5Page - NXP Semiconductors BLF6G27S-45 Datasheet HTML 6Page - NXP Semiconductors BLF6G27S-45 Datasheet HTML 7Page - NXP Semiconductors BLF6G27S-45 Datasheet HTML 8Page - NXP Semiconductors BLF6G27S-45 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
BLF6G27-45_BLF6G27S-45_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 15 December 2008
4 of 16
NXP Semiconductors
BLF6G27-45; BLF6G27S-45
WiMAX power LDMOS transistor
7.2 Single carrier N-CDMA performance
VDS =28V; IDq = 350 mA; f = 2600 MHz; single carrier
N-CDMA; PAR = 9.7 dB at 0.01 % probability;
channel bandwidth = 1.23 MHz;
instantaneous bandwidth = 30 kHz.
VDS = 28 V; IDq = 350 mA; f = 2600 MHz; single carrier
N-CDMA; PAR = 9.7 dB at 0.01 % probability;
channel bandwidth = 1.23 MHz;
instantaneous bandwidth = 30 kHz.
(1) Low frequency component
(2) High frequency component
Fig 1.
Power gain and drain efficiency as functions of
average load power; typical values
Fig 2.
Adjacent channel power ratio as function of
average load power; typical values
001aah406
PL(AV) (W)
10−1
102
10
1
16
18
14
20
22
Gp
(dB)
12
20
30
10
40
50
ηD
(%)
0
Gp
ηD
PL(AV) (W)
10−1
102
10
1
001aah407
−60
−50
−70
−40
−30
ACPR
(dBc)
−80
ACPR1980k
ACPR1500k
ACPR885k
(1)
(2)
(1)
(2)
(2)
(1)


Similar Part No. - BLF6G27S-45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G27S-45 NXP-BLF6G27S-45 Datasheet
123Kb / 15P
   WiMAX power LDMOS transistor
Rev. 02-7 February 2008
BLF6G27S-45 NXP-BLF6G27S-45 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BLF6G27S-45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G27-10 NXP-BLF6G27-10 Datasheet
117Kb / 15P
   WiMAX power LDMOS transistor
Rev. 01-4 February 2009
BLF6G38-10 PHILIPS-BLF6G38-10_15 Datasheet
351Kb / 16P
   WiMAX power LDMOS transistor
Rev. 2-6 January 2015
BLF6G27-135 NXP-BLF6G27-135 Datasheet
100Kb / 13P
   WiMAX power LDMOS transistor
Rev. 02-26 May 2008
BLF6G38-50 NXP-BLF6G38-50 Datasheet
93Kb / 12P
   WiMAX power LDMOS transistor
Rev. 01-12 February 2008
BLF6G27-10 PHILIPS-BLF6G27-10_15 Datasheet
282Kb / 15P
   WiMAX power LDMOS transistor
Rev. 4-16 December 2014
BLF6G38-25 PHILIPS-BLF6G38-25_15 Datasheet
271Kb / 14P
   WiMAX power LDMOS transistor
Rev. 3-11 March 2013
BLF6G38-10 NXP-BLF6G38-10 Datasheet
111Kb / 15P
   WiMAX power LDMOS transistor
Rev. 01-3 February 2009
BLF6G38-25 NXP-BLF6G38-25 Datasheet
104Kb / 13P
   WiMAX power LDMOS transistor
Rev. 02-23 December 2008
BLF6G38-50 NXP-BLF6G38-50_10 Datasheet
162Kb / 13P
   WiMAX power LDMOS transistor
Rev. 02-1 June 2010
BLF6G27-45 NXP-BLF6G27-45 Datasheet
123Kb / 15P
   WiMAX power LDMOS transistor
Rev. 02-7 February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com