Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLF6G27-45 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLF6G27-45
Description  WiMAX power LDMOS transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF6G27-45 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLF6G27-45 Datasheet HTML 1Page - NXP Semiconductors BLF6G27-45 Datasheet HTML 2Page - NXP Semiconductors BLF6G27-45 Datasheet HTML 3Page - NXP Semiconductors BLF6G27-45 Datasheet HTML 4Page - NXP Semiconductors BLF6G27-45 Datasheet HTML 5Page - NXP Semiconductors BLF6G27-45 Datasheet HTML 6Page - NXP Semiconductors BLF6G27-45 Datasheet HTML 7Page - NXP Semiconductors BLF6G27-45 Datasheet HTML 8Page - NXP Semiconductors BLF6G27-45 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
BLF6G27-45_BLF6G27S-45_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 15 December 2008
5 of 16
NXP Semiconductors
BLF6G27-45; BLF6G27S-45
WiMAX power LDMOS transistor
7.3 Two-tone
VDS =28V; f1 = 2598.75 MHz; f2 = 2601.25 MHz;
2.5 MHz tone spacing.
(1) IDq = 250 mA
(2) IDq = 300 mA
(3) IDq = 350 mA
(4) IDq = 400 mA
(5) IDq = 500 mA
VDS = 28 V; f1 = 2598.75 MHz; f2 = 2601.25 MHz;
2.5 MHz tone spacing.
(1) IDq = 250 mA
(2) IDq = 300 mA
(3) IDq = 350 mA
(4) IDq = 400 mA
(5) IDq = 500 mA
Fig 3.
Power gain as function of peak envelope load
power; typical values
Fig 4.
Third order intermodulation distortion as
function of peak envelope load power; typical
values
001aah408
17.5
18.5
19.5
Gp
(dB)
16.5
PL(PEP) (W)
1102
10
(5)
(4)
(3)
(2)
(1)
001aah409
−45
−35
−55
−25
−15
IMD3
(dBc)
−65
PL(PEP) (W)
1102
10
(1)
(2)
(5)
(3)
(4)


Similar Part No. - BLF6G27-45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G27-45 NXP-BLF6G27-45 Datasheet
123Kb / 15P
   WiMAX power LDMOS transistor
Rev. 02-7 February 2008
BLF6G27-45 NXP-BLF6G27-45 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLF6G27-45 PHILIPS-BLF6G27-45_15 Datasheet
294Kb / 17P
   WiMAX power LDMOS transistor
Rev. 4-7 March 2013
More results

Similar Description - BLF6G27-45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G27-10 NXP-BLF6G27-10 Datasheet
117Kb / 15P
   WiMAX power LDMOS transistor
Rev. 01-4 February 2009
BLF6G38-10 PHILIPS-BLF6G38-10_15 Datasheet
351Kb / 16P
   WiMAX power LDMOS transistor
Rev. 2-6 January 2015
BLF6G27-135 NXP-BLF6G27-135 Datasheet
100Kb / 13P
   WiMAX power LDMOS transistor
Rev. 02-26 May 2008
BLF6G38-50 NXP-BLF6G38-50 Datasheet
93Kb / 12P
   WiMAX power LDMOS transistor
Rev. 01-12 February 2008
BLF6G27-10 PHILIPS-BLF6G27-10_15 Datasheet
282Kb / 15P
   WiMAX power LDMOS transistor
Rev. 4-16 December 2014
BLF6G38-25 PHILIPS-BLF6G38-25_15 Datasheet
271Kb / 14P
   WiMAX power LDMOS transistor
Rev. 3-11 March 2013
BLF6G38-10 NXP-BLF6G38-10 Datasheet
111Kb / 15P
   WiMAX power LDMOS transistor
Rev. 01-3 February 2009
BLF6G38-25 NXP-BLF6G38-25 Datasheet
104Kb / 13P
   WiMAX power LDMOS transistor
Rev. 02-23 December 2008
BLF6G38-50 NXP-BLF6G38-50_10 Datasheet
162Kb / 13P
   WiMAX power LDMOS transistor
Rev. 02-1 June 2010
BLF6G27-45 NXP-BLF6G27-45 Datasheet
123Kb / 15P
   WiMAX power LDMOS transistor
Rev. 02-7 February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com