Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCP69 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BCP69
Description  20 V, 1 A PNP medium power transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP69 Datasheet(HTML) 2 Page - NXP Semiconductors

  BCP69 Datasheet HTML 1Page - NXP Semiconductors BCP69 Datasheet HTML 2Page - NXP Semiconductors BCP69 Datasheet HTML 3Page - NXP Semiconductors BCP69 Datasheet HTML 4Page - NXP Semiconductors BCP69 Datasheet HTML 5Page - NXP Semiconductors BCP69 Datasheet HTML 6Page - NXP Semiconductors BCP69 Datasheet HTML 7Page - NXP Semiconductors BCP69 Datasheet HTML 8Page - NXP Semiconductors BCP69 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BCP69_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 2 December 2008
2 of 13
NXP Semiconductors
BCP69
20 V, 1 A PNP medium power transistor
2.
Pinning information
3.
Ordering information
[1]
/DG: halogen-free
hFE
DC current gain
VCE = −1V;
IC = −500 mA
BCP69
85
-
375
BCP69-16
BCP69-16/DG
100
-
250
BCP69-16/IN
140
-
230
BCP69-25
160
-
375
Table 2.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
base
2
collector
3
emitter
4
collector
13
2
4
sym028
2, 4
3
1
Table 4.
Ordering information
Type number[1]
Package
Name
Description
Version
BCP69
SC-73
plastic surface-mounted package with increased
heatsink; 4 leads
SOT223
BCP69-16
BCP69-16/DG
BCP69-16/IN
BCP69-25


Similar Part No. - BCP69

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP69 PHILIPS-BCP69 Datasheet
45Kb / 8P
   PNP medium power transistor
1999 Apr 08
logo
Fairchild Semiconductor
BCP69 FAIRCHILD-BCP69 Datasheet
628Kb / 1P
   FAIRCHILD Small Signal Transistors
logo
Zetex Semiconductors
BCP69 ZETEX-BCP69 Datasheet
43Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
NXP Semiconductors
BCP69 NXP-BCP69 Datasheet
266Kb / 24P
   20 V, 2 A PNP medium power transistors
Rev. 7-12 October 2011
logo
Siemens Semiconductor G...
BCP69 SIEMENS-BCP69 Datasheet
136Kb / 4P
   PNP Silicon AF Transistor (For general AF application High collector current High current gain)
More results

Similar Description - BCP69

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC869 NXP-BC869 Datasheet
177Kb / 11P
   PNP medium power transistor; 20 V, 1 A
2004 Nov 08
logo
Nexperia B.V. All right...
BSR31 NEXPERIA-BSR31 Datasheet
180Kb / 7P
   60 V, 1 A PNP medium power transistor
10 March 2023
BSR33 NEXPERIA-BSR33 Datasheet
181Kb / 7P
   80 V, 1 A PNP medium power transistor
9 March 2023
BSR31-Q NEXPERIA-BSR31-Q Datasheet
181Kb / 7P
   60 V, 1 A PNP medium power transistor
10 March 2023
BSR30 NEXPERIA-BSR30 Datasheet
181Kb / 7P
   60 V, 1 A PNP medium power transistor
10 March 2023
BSR30-Q NEXPERIA-BSR30-Q Datasheet
181Kb / 7P
   60 V, 1 A PNP medium power transistor
10 March 2023
BSR33-Q NEXPERIA-BSR33-Q Datasheet
181Kb / 7P
   80 V, 1 A PNP medium power transistor
9 March 2023
logo
NXP Semiconductors
BCP68 NXP-BCP68 Datasheet
173Kb / 12P
   NPN medium power transistor; 20 V, 1 A
2003 Nov 25
BC368 NXP-BC368 Datasheet
143Kb / 9P
   NPN medium power transistor; 20 V, 1 A
2004 Nov 05
BCP68T NXP-BCP68T Datasheet
173Kb / 12P
   NPN medium power transistor 20 V, 1 A
2003 Nov 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com