Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2PD601ARL Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 2PD601ARL
Description  50 V, 100 mA NPN general-purpose transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PD601ARL Datasheet(HTML) 3 Page - NXP Semiconductors

  2PD601ARL Datasheet HTML 1Page - NXP Semiconductors 2PD601ARL Datasheet HTML 2Page - NXP Semiconductors 2PD601ARL Datasheet HTML 3Page - NXP Semiconductors 2PD601ARL Datasheet HTML 4Page - NXP Semiconductors 2PD601ARL Datasheet HTML 5Page - NXP Semiconductors 2PD601ARL Datasheet HTML 6Page - NXP Semiconductors 2PD601ARL Datasheet HTML 7Page - NXP Semiconductors 2PD601ARL Datasheet HTML 8Page - NXP Semiconductors 2PD601ARL Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2PD601AXL_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 6 November 2008
3 of 9
NXP Semiconductors
2PD601ARL; 2PD601ASL
50 V, 100 mA NPN general-purpose transistors
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
7.
Characteristics
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
60
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
6
V
IC
collector current
-
100
mA
ICM
peak collector current
single pulse;
tp ≤ 1ms
-
200
mA
IBM
peak base current
single pulse;
tp ≤ 1ms
-
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
250
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air
[1] -
-
500
K/W
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off current VCB =60V; IE = 0 A
--10
nA
VCB =60V; IE =0A;
Tj = 150 °C
--5
µA
IEBO
emitter-base cut-off current
VEB =5V; IC = 0 A
--10
nA
hFE
DC current gain
VCE =2V;
IC = 100 mA
[1] 90
-
-
hFE group R
VCE =10V;
IC =2mA
210
-
340
hFE group S
VCE =10V;
IC =2mA
290
-
460


Similar Part No. - 2PD601ARL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
2PD601ARL NEXPERIA-2PD601ARL Datasheet
614Kb / 9P
   50 V, 100 mA NPN general-purpose transistors
Rev. 01 - 6 November 2008
2PD601ARL/DG NEXPERIA-2PD601ARL/DG Datasheet
614Kb / 9P
   50 V, 100 mA NPN general-purpose transistors
Rev. 01 - 6 November 2008
More results

Similar Description - 2PD601ARL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PD601A NXP-2PD601A Datasheet
131Kb / 8P
   NPN general purpose transistors; 50 V, 100 mA
2002 Jun 26
logo
Nexperia B.V. All right...
2PC4617XMB_SER NEXPERIA-2PC4617XMB_SER Datasheet
1Mb / 10P
   50 V, 100 mA NPN general-purpose transistors
Rev. 1 - 26 March 2012
2PC4617XMB NEXPERIA-2PC4617XMB Datasheet
1Mb / 10P
   50 V, 100 mA NPN general-purpose transistors
2PD601AXL NEXPERIA-2PD601AXL Datasheet
614Kb / 9P
   50 V, 100 mA NPN general-purpose transistors
Rev. 01 - 6 November 2008
NXP3875Y NEXPERIA-NXP3875Y Datasheet
1Mb / 15P
   50 V, 150 mA NPN general-purpose transistors
2PD601BRL NEXPERIA-2PD601BRL Datasheet
993Kb / 13P
   50 V, 200 mA NPN general-purpose transistors
Rev. 1 - 28 June 2010
2PD602ASL-Q NEXPERIA-2PD602ASL-Q Datasheet
182Kb / 8P
   50 V, 500 mA NPN general-purpose transistors
12 January 2022
logo
NXP Semiconductors
2PD601BSL NXP-2PD601BSL Datasheet
317Kb / 13P
   50 V, 200 mA NPN general-purpose transistors
Rev. 1-28 June 2010
2PD602ASL NXP-2PD602ASL Datasheet
57Kb / 9P
   50 V, 500 mA NPN general-purpose transistors
Rev. 01-27 October 2008
logo
Nexperia B.V. All right...
2PD602AXL NEXPERIA-2PD602AXL Datasheet
614Kb / 9P
   50 V, 500 mA NPN general-purpose transistors
Rev. 01 - 27 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com