Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBAMS Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # GBAMS
Description  Absolute encoders - modular bus covers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GBAMS Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  GBAMS Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GBAMS Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GBAMS Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GBAMS Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Absolute encoders - modular bus covers
3
www.baumerivo.com
www.baumerivo.com
GBAMS, GBMMS - multivoPlus
Optical sensing, high resolution, end shaft
Single and multiturn encoder 18 bit ST / 13 bit MT
CANopen / DeviceNet / EtherCAT / Profibus / SSI / fiber-optic
Accessories
Connectors and cables
Z 119.034
Connector for data cable fibre-optic
Mounting accessories
Z 119.024
Torque support and spring washer for
encoders with 9.5 mm pin
Z 119.041
Torque support by rubber buffer element for
encoders with 15 mm pin
Z 119.050
Spring coupling
Z 119.053
Spring coupling height 19.1 mm
Z 119.070
Spring coupling height 29.1 mm
Z 119.072
Spring coupling for encoders with ø58 mm
housing, hole distance 73 mm
Z 119.073
Spring coupling for encoders with ø58 mm
housing, hole distance 68 mm
Z 119.076
Spring coupling for encoders with ø58 mm
housing
Z 119.082
Spring coupling for encoders with ø58 mm
housing, hole distance 63 mm
Programming accessories
Z 150.022
CD with describing files & manuals
Z 139.008
Programming cable for encoders with SSI bus
cover, CD with software and manual


Similar Part No. - GBAMS

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GBAMH IVO-GBAMH Datasheet
513Kb / 4P
   Absolute encoders - modular bus covers
GBAMH.0203P32 IVO-GBAMH.0203P32 Datasheet
513Kb / 4P
   Absolute encoders - modular bus covers
GBAMH.0205P32 IVO-GBAMH.0205P32 Datasheet
513Kb / 4P
   Absolute encoders - modular bus covers
GBAMH.0208P22 IVO-GBAMH.0208P22 Datasheet
513Kb / 4P
   Absolute encoders - modular bus covers
GBAMH.1203P32 IVO-GBAMH.1203P32 Datasheet
513Kb / 4P
   Absolute encoders - modular bus covers
More results

Similar Description - GBAMS

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GXAMW IVO-GXAMW Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
G1MMH IVO-G1MMH Datasheet
512Kb / 4P
   Absolute encoders - modular bus covers
GXMMW IVO-GXMMW Datasheet
735Kb / 4P
   Absolute encoders - modular bus covers
GEMMW IVO-GEMMW Datasheet
384Kb / 2P
   Absolute encoders - modular bus covers
GXMMS IVO-GXMMS Datasheet
716Kb / 4P
   Absolute encoders - modular bus covers
GBAMW IVO-GBAMW Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
G0AMH IVO-G0AMH Datasheet
512Kb / 4P
   Absolute encoders - modular bus covers
GCMMW IVO-GCMMW Datasheet
683Kb / 4P
   Absolute encoders - modular bus covers
GEMMH IVO-GEMMH Datasheet
494Kb / 4P
   Absolute encoders - modular bus covers
GCMMS IVO-GCMMS Datasheet
664Kb / 4P
   Absolute encoders - modular bus covers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com