Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA219AIDCNT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA219AIDCNT
Description  Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA219AIDCNT Datasheet(HTML) 4 Page - Texas Instruments

  INA219AIDCNT Datasheet HTML 1Page - Texas Instruments INA219AIDCNT Datasheet HTML 2Page - Texas Instruments INA219AIDCNT Datasheet HTML 3Page - Texas Instruments INA219AIDCNT Datasheet HTML 4Page - Texas Instruments INA219AIDCNT Datasheet HTML 5Page - Texas Instruments INA219AIDCNT Datasheet HTML 6Page - Texas Instruments INA219AIDCNT Datasheet HTML 7Page - Texas Instruments INA219AIDCNT Datasheet HTML 8Page - Texas Instruments INA219AIDCNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
INA219
SBOS448B – AUGUST 2008 – REVISED NOVEMBER 2008 ............................................................................................................................................ www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +3.3V (continued)
Boldface limits apply over the specified temperature range, TA = –25°C to +85°C.
At TA = +25°C, VIN+ = 12V, VSENSE = (VIN+ – VIN–) = 32mV, PGA = ÷ 1, and BRNG = 1, unless otherwise noted.
INA219
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SMBus
SMBus Timeout(5)
28
35
ms
DIGITAL INPUTS
(SDA as Input, SCL, A0, A1)
Input Capacitance
3
pF
Leakage Input Current
0
≤ VIN ≤ VS
0.1
1
µA
Input Logic Levels:
VIH
0.7 (VS)
6
V
VIL
–0.3
0.3 (VS)
V
Hysteresis
500
mV
OPEN-DRAIN DIGITAL OUTPUTS (SDA)
Logic '0' Output Level
ISINK = 3mA
0.15
0.4
V
High-Level Output Leakage Current
VOUT = VS
0.1
1
µA
POWER SUPPLY
Operating Supply Range
+3
+5.5
V
Quiescent Current
0.7
1
mA
Quiescent Current, Power-Down Mode
6
15
µA
Power-On Reset Threshold
2
V
TEMPERATURE RANGE
Specified Temperature Range
–25
+85
°C
Operating Temperature Range
–40
+125
°C
Thermal Resistance(6)
θ
JA
SOT23-8
142
°C/W
SO-8
120
°C/W
(5)
SMBus timeout in the INA219 resets the interface any time SCL or SDA is low for over 28ms.
(6)
θ
JA value is based on JEDEC low-K board.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): INA219


Similar Part No. - INA219AIDCNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA219AIDCNT TI-INA219AIDCNT Datasheet
883Kb / 33P
[Old version datasheet]   ZerO-Drift, Bi-Directional CURRENT/POWER MONITOR with I2TM Interface
INA219AIDCNT TI1-INA219AIDCNT Datasheet
989Kb / 40P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA219AIDCNT TI1-INA219AIDCNT Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
INA219AIDCNT TI1-INA219AIDCNT Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
INA219AIDCNTG4 TI-INA219AIDCNTG4 Datasheet
883Kb / 33P
[Old version datasheet]   ZerO-Drift, Bi-Directional CURRENT/POWER MONITOR with I2TM Interface
More results

Similar Description - INA219AIDCNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA219BIDR TI1-INA219BIDR Datasheet
989Kb / 40P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA219 TI-INA219_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA219 Zer첩-Drift, Bidirectional Current/Power Monitor With I2C Interface
INA219 TI-INA219 Datasheet
883Kb / 33P
[Old version datasheet]   ZerO-Drift, Bi-Directional CURRENT/POWER MONITOR with I2TM Interface
INA226 TI1-INA226_15 Datasheet
1Mb / 38P
[Old version datasheet]   Bi-Directional Current and Power Monitor with I2C Compatible Interface
INA209 TI-INA209_15 Datasheet
1Mb / 50P
[Old version datasheet]   High-Side Measurement, Bi-Directional Current/Power Monitor with I2C Interface
logo
Burr-Brown (TI)
INA209 BURR-BROWN-INA209 Datasheet
555Kb / 43P
   High-Side Measurement, Bi-Directional Current/Power Monitor with I2C??Interface
logo
Texas Instruments
INA209 TI1-INA209_17 Datasheet
1Mb / 50P
[Old version datasheet]   High-Side Measurement, Bi-Directional Current/Power Monitor with I2C Interface
INA226AIDGSR TI1-INA226AIDGSR Datasheet
988Kb / 32P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA226 TI1-INA226 Datasheet
447Kb / 30P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
JUNE2011
INA226AIDGST TI-INA226AIDGST Datasheet
961Kb / 33P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com