Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC5602BEVLU Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # SPC5602BEVLU
Description  Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5602BEVLU Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  SPC5602BEVLU Datasheet HTML 1Page - Freescale Semiconductor, Inc SPC5602BEVLU Datasheet HTML 2Page - Freescale Semiconductor, Inc SPC5602BEVLU Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5602BEVLU Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5602BEVLU Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5602BEVLU Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5602BEVLU Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5602BEVLU Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5602BEVLU Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 98 page
background image
Overview
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
3
1
Overview
The following sections provide high-level descriptions of the features found on the MPC5606S.
1.1
Device Comparison
..
Table 1. MPC5606S Family
Feature
MPC5602S
MPC5604S
MPC5606S
CPU
e200z0h
Execution Speed
Static - 64 MHz
Flash (ECC)
256 KB
512 KB
1 MB
EEPROM Emulation Block
(ECC)
4 × 16 KB
RAM (ECC)
24 KB
48 KB
48 KB
Graphics RAM
No
No
160 KB
MPU
12 entry
eDMA
16 channels
Display Control Unit
No
No
Yes
Parallel Data Interface
No
No
Yes
Stepper Motor Controller
6 motors
Stepper Motor Stall Detect
Yes
Sound Generation
Yes
Yes
Using eMIOS
LCD Segment Driver
64 × 6
64 × 6
40 × 4, 38 × 61
32 kHz External Crystal
Oscillator
Yes
Real Time Counter and
Autonomous Periodic
Interrupt
Yes
Yes
Yes
Periodic Interrupt Timer
4 ch, 32-bit
System Watchdog Timer
Yes
System Timer Module
4 ch, 32-bit
Timed I/O2
8 ch, 16-bit IC/OC
16 ch, 16-bit OPWM/IC/OC
ADC3
16 channels, 10-bit
CAN (64 Mailboxes)
1 × FlexCAN
2 × FlexCAN
2 × FlexCAN
CAN Sampler
Yes
SCI
2 × LINFlex
SPI
2 × DSPI
2 × DSPI
34 × DSPI
QuadSPI Serial Flash
Interface
No
No
Yes


Similar Part No. - SPC5602BEVLU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SPC5602B1CLH4R NXP-SPC5602B1CLH4R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
SPC5602B1CLH6R NXP-SPC5602B1CLH6R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
SPC5602B1CLL4R NXP-SPC5602B1CLL4R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
SPC5602B1CLL6R NXP-SPC5602B1CLL6R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
SPC5602B1CLQ4R NXP-SPC5602B1CLQ4R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
More results

Similar Description - SPC5602BEVLU

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com