Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC5706CECLU Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # SPC5706CECLU
Description  Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5706CECLU Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  SPC5706CECLU Datasheet HTML 1Page - Freescale Semiconductor, Inc SPC5706CECLU Datasheet HTML 2Page - Freescale Semiconductor, Inc SPC5706CECLU Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5706CECLU Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5706CECLU Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5706CECLU Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5706CECLU Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5706CECLU Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5706CECLU Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MPC5606S
Rev. 1, 10/2008
© Freescale Semiconductor, Inc., 2008. All rights reserved.
Preliminary—Subject to Change Without Notice
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MPC5606S
TBD
MAPBGA–225
15 mm x 15 mm
QFN12
##_mm_x_##mm
SOT-343R
##_mm_x_##mm
PKG-TBD
## mm x ## mm
LQFP–144
20 mm x 20 mm
LQFP–176
24 mm x 24 mm
32-bit MCU for cluster applications with stepper motor, TFT
graphic controller and LCD driver
The MPC5606S family of devices is designed to enable the development of automotive instrument cluster applications by
providing a single-chip solution capable of hosting real-time applications and driving a TFT display directly using an on-chip
color TFT display controller.
MPC5606S devices incorporate a cost-efficient host processor core compliant with the Power Architecture™ embedded
category. The processor is 100% user-mode compatible with the original PowerPC user instruction set architecture (UISA) and
capitalizes on the available development infrastructure of current Power ArchitectureTM devices with full support from
available software drivers, operating systems and configuration code to assist with users' implementations.
Offering high performance processing at speeds up to 64 MHz, the MPC5606S family is optimized for low power consumption
and supports a range of on-chip SRAM and internal flash memories. The 1 MB flash version (MPC5606S) features 160 KB of
on-chip graphics SRAM.
Refer to Table 1 for specific memory and feature sets of the product family members.
This document describes the features of the MPC5606S family of microcontrollers and highlights important electrical and
physical characteristics of the devices. For functional characteristics, refer to the MPC5606S Microcontroller Reference
Manual.
MPC560xS Microcontroller
Data Sheet


Similar Part No. - SPC5706CECLU

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPC5706CECLUR FREESCALE-SPC5706CECLUR Datasheet
1Mb / 92P
   Microcontroller
More results

Similar Description - SPC5706CECLU

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com