Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FD270.010A6A7 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # FD270.010A6A7
Description  Totalizers electromechanic
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

FD270.010A6A7 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  FD270.010A6A7 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG FD270.010A6A7 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.baumerivo.com
Totalizers electromechanic
1
www.baumerivo.com
www.baumerivo.com
FD270 - Impulse counter
Features
Large pulse counter
Adding
Display 5- or 6-digits
Imprint of the measured result on card, paper stripes
or labels
Manual imprint, reset and ink ribbon transport by
reset lever
Technical data - electrical ratings
Voltage supply
115 VAC ±10 % (60 Hz)
230 VAC ±10 % (50 Hz)
24 VDC ±10 %
Ripple residue
<48 %
Nominal frequency
50 / 60 Hz
Current consumption
≤600 mA
Power consumption
14 W, 20 VA
Pulse ratio
1:1
Approval
CE conform
FD270
Technical data - mechanical design
Display
White numbers on black
Number of digits
5-digits
6-digits
Digit height
7 mm (numeral readout)
3 mm (printed numerals)
Count mode
1 impulse = 1 count
Step-by-step switching
Adding in whole steps
Measuring range
99 999 and 999 999
Reset
Manual by reset lever
Imprint
With lever, without reset
By lever upon reset
Card thickness
≤0.3 mm
Card width
85...0 mm
Ink ribbon transport
Manual by knurled knob
Operating temperature
0...+60 °C
Storing temperature
-20...+70 °C
Relative humidity
80 % non-condensing
Protection DIN EN 60529 IP 41
Housing type
Housing with ground plate
E-connection
Cable gland PG 9
Mounting
Surface mount housing
Dimensions W x H x L
237 x 152 x 113.5 mm
Weight approx.
3500 g
Material
Aluminium die cast alloy
Impulse counters adding, imprint on card
Display 5- or 6-digits, manual reset by lever


Similar Part No. - FD270.010A6A7

ManufacturerPart #DatasheetDescription
logo
Finechips
FD2000 FINECHIPS-FD2000 Datasheet
4Mb / 37P
   LCD Display Driver
logo
Mitsubishi Electric Sem...
FD2000DU-120 MITSUBISHI-FD2000DU-120 Datasheet
48Kb / 3P
   HIGH POWER, HIGH FREQUENCY, PRESS PACK TYPE
logo
Powerex Power Semicondu...
FD2000DU-120 POWEREX-FD2000DU-120 Datasheet
51Kb / 3P
   HIGH POWER, HIGH FREQUENCY, PRESS PACK TYPE
logo
Fairchild Semiconductor
FD2004 FAIRCHILD-FD2004 Datasheet
745Kb / 2P
   Adaptive Digital DC-DC Controller with Current Sharing
logo
eupec GmbH
FD200R12KE3 EUPEC-FD200R12KE3 Datasheet
172Kb / 9P
   Technische Information / technical information
More results

Similar Description - FD270.010A6A7

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
F503 IVO-F503 Datasheet
525Kb / 4P
   Totalizers electromechanic
F102 IVO-F102 Datasheet
551Kb / 4P
   Totalizers electromechanic
F304 IVO-F304 Datasheet
571Kb / 4P
   Totalizers electromechanic
F504 IVO-F504 Datasheet
605Kb / 4P
   Totalizers electromechanic
H127 IVO-H127 Datasheet
494Kb / 4P
   Totalizers mechanic
FS218 IVO-FS218 Datasheet
471Kb / 4P
   Preset counters electromechanic
T130 IVO-T130 Datasheet
294Kb / 2P
   Totalizers mechanic
H126 IVO-H126 Datasheet
346Kb / 2P
   Totalizers mechanic
H400 IVO-H400 Datasheet
508Kb / 4P
   Totalizers mechanic
N208 IVO-N208 Datasheet
395Kb / 2P
   Totalizers electronic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com