Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV602PW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV602PW
Description  DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV602PW Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV602PW Datasheet HTML 4Page - Texas Instruments DRV602PW Datasheet HTML 5Page - Texas Instruments DRV602PW Datasheet HTML 6Page - Texas Instruments DRV602PW Datasheet HTML 7Page - Texas Instruments DRV602PW Datasheet HTML 8Page - Texas Instruments DRV602PW Datasheet HTML 9Page - Texas Instruments DRV602PW Datasheet HTML 10Page - Texas Instruments DRV602PW Datasheet HTML 11Page - Texas Instruments DRV602PW Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
DRV602PW
ACTIVE
TSSOP
PW
14
90
TBD
Call TI
Call TI
DRV602PWR
ACTIVE
TSSOP
PW
14
2000
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
1-Jan-2009
Addendum-Page 1


Similar Part No. - DRV602PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV602 TI-DRV602_15 Datasheet
788Kb / 16P
[Old version datasheet]   DirectPath?? Pop-Free 3Vrms Line Driver with Adjustable Gain
More results

Similar Description - DRV602PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV604 TI-DRV604 Datasheet
878Kb / 21P
[Old version datasheet]   DirectPath??2Vrms Line Driver and HP Amp With Adjustable Gain
DRV601 TI-DRV601 Datasheet
552Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_08 Datasheet
548Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_15 Datasheet
908Kb / 19P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
[Old version datasheet]   DirectPath?? 3-VRMS Line Driver With Adjustable Gain
logo
TECHCODE SEMICONDUCTOR,...
TD9731 TECHCODE-TD9731 Datasheet
1Mb / 16P
   Capless 2Vrms to 3Vrms Line Driver with Adjustable Gain
logo
Texas Instruments
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV602 TI-DRV602_15 Datasheet
788Kb / 16P
[Old version datasheet]   DirectPath?? Pop-Free 3Vrms Line Driver with Adjustable Gain
TPA6138A2 TI1-TPA6138A2_17 Datasheet
918Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com