Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV602PW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV602PW
Description  DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV602PW Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV602PW Datasheet HTML 2Page - Texas Instruments DRV602PW Datasheet HTML 3Page - Texas Instruments DRV602PW Datasheet HTML 4Page - Texas Instruments DRV602PW Datasheet HTML 5Page - Texas Instruments DRV602PW Datasheet HTML 6Page - Texas Instruments DRV602PW Datasheet HTML 7Page - Texas Instruments DRV602PW Datasheet HTML 8Page - Texas Instruments DRV602PW Datasheet HTML 9Page - Texas Instruments DRV602PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
APPLICATION INFORMATION
Line Driver Amplifiers
OPAMP
Co
MuteCircuit
Output
Enable
+
+
+
-
ConventionalSolution
DRV602
Output
Enable
+
-
DVR602Solution
VDD
VSS
GND
VDD
VDD/2
GND
DirectPath
9-12V
5V
DRV602
SLOS572 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
Single-supply line driver amplifiers typically require dc-blocking capacitors. The top drawing in Figure 5 illustrates
the conventional line driver amplifier connection to the load and output signal.
DC blocking capacitors are often large in value, and a mute circuit is needed during power up to minimize click &
pop. The output capacitor and mute circuit consume PCB area and increase cost of assembly, and can reduce
the fidelity of the audio output signal.
Figure 5. Conventional and DirectPath Line Driver
The DirectPath™ amplifier architecture operates from a single supply, but makes use of an internal charge pump
to provide a negative voltage rail.
Combining the user provided positive rail and the negative rail generated by the IC, the device operates in what
is effectively a split supply mode.
The output voltages are now centered at zero volts with the capability to swing to the positive rail or negative rail.
The DirectPath amplifier requires no output dc blocking capacitors.
The bottom block diagram and waveform of Figure 5 illustrate the ground-referenced Line Driver architecture.
This is the architecture of the DRV602.
6
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DRV602


Similar Part No. - DRV602PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV602 TI-DRV602_15 Datasheet
788Kb / 16P
[Old version datasheet]   DirectPath?? Pop-Free 3Vrms Line Driver with Adjustable Gain
More results

Similar Description - DRV602PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV604 TI-DRV604 Datasheet
878Kb / 21P
[Old version datasheet]   DirectPath??2Vrms Line Driver and HP Amp With Adjustable Gain
DRV601 TI-DRV601 Datasheet
552Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_08 Datasheet
548Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_15 Datasheet
908Kb / 19P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
[Old version datasheet]   DirectPath?? 3-VRMS Line Driver With Adjustable Gain
logo
TECHCODE SEMICONDUCTOR,...
TD9731 TECHCODE-TD9731 Datasheet
1Mb / 16P
   Capless 2Vrms to 3Vrms Line Driver with Adjustable Gain
logo
Texas Instruments
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV602 TI-DRV602_15 Datasheet
788Kb / 16P
[Old version datasheet]   DirectPath?? Pop-Free 3Vrms Line Driver with Adjustable Gain
TPA6138A2 TI1-TPA6138A2_17 Datasheet
918Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com