Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8411 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8411
Description  1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel,DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8411 Datasheet(HTML) 3 Page - Texas Instruments

  DAC8411 Datasheet HTML 1Page - Texas Instruments DAC8411 Datasheet HTML 2Page - Texas Instruments DAC8411 Datasheet HTML 3Page - Texas Instruments DAC8411 Datasheet HTML 4Page - Texas Instruments DAC8411 Datasheet HTML 5Page - Texas Instruments DAC8411 Datasheet HTML 6Page - Texas Instruments DAC8411 Datasheet HTML 7Page - Texas Instruments DAC8411 Datasheet HTML 8Page - Texas Instruments DAC8411 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
ELECTRICAL CHARACTERISTICS
DAC8311
DAC8411
www.ti.com ................................................................................................................................................................................................ SBAS439 – AUGUST 2008
At AVDD = +1.8V to +5.5V, RL = 2kΩ to GND, and CL = 200 pF to GND, unless otherwise noted.
DAC8411, DAC8311
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE(1)
Resolution
16
Bits
3.6V to 5V
±4
±8
Measured by the line passing
Relative accuracy
LSB
DAC8411
through codes 485 and 64714
1.8V to 3.6V
±4
±12
Differential
±0.5
±2
LSB
nonlinearity
Resolution
14
Bits
Measured by the line passing through codes 120 and
Relative accuracy
±1
±4
LSB
DAC8311
16200
Differential
±0.125
±1
LSB
nonlinearity
Offset error
Measured by the line passing through two codes(2)
±0.05
±4
mV
Offset error drift
3
µV/°C
Zero code error
All zeros loaded to the DAC register
0.2
mV
Full-scale error
All ones loaded to DAC register
0.04
0.2
% of FSR
Gain error
0.05
±0.15
% of FSR
AVDD = +5V
±0.5
ppm of
Gain temperature coefficient
FSR/°C
AVDD = +1.8V
±1.5
OUTPUT CHARACTERISTICS(3)
Output voltage range
0
AVDD
V
RL = 2kΩ, CL = 200 pF, AVDD = 5V, 1/4 scale to 3/4 scale
6
10
µs
Output voltage settling time
RL = 2MΩ, CL = 470pF
12
µs
Slew rate
0.7
V/
µs
RL = ∞
470
pF
Capacitive load stability
RL = 2kΩ
1000
pF
Code change glitch impulse
1LSB change around major carry
0.5
nV-s
Digital feedthrough
0.5
nV-s
Power-on glitch impulse
RL = 2kΩ, CL = 200pF, AVDD = 5V
17
mV
DC output impedance
0.5
AVDD = +5V
50
mA
Short-circuit current
AVDD = +3V
20
mA
Power-up time
Coming out of power-down mode
50
µs
AC PERFORMANCE
SNR
88
dB
TA= +25°C, BW = 20kHz, 16-bit level, AVDD = 5V,
THD
–66
dB
fOUT = 1kHz, 1st 19 harmonics removed for SNR
SFDR
66
dB
calculation
SINAD
66
dB
TA= +25°C, at zero-scale input, fOUT = 1kHz, AVDD = 5V
17
nV/
√Hz
DAC output noise density(4)
TA= +25°C, at mid-code input, fOUT = 1kHz, AVDD = 5V
110
nV/
√Hz
DAC output noise(5)
TA= +25°C, at mid-code input, 0.1Hz to 10Hz, AVDD = 5V
3
µV
pp
(1)
Linearity calculated using a reduced code range of 485 to 64714 for 16-bit, and 120 to 16200 for 14-bit, output unloaded.
(2)
Straight line passing through codes 485 and 64714 for 16-bit, and 120 and 16200 for 14-bit, output unloaded.
(3)
Specified by design and characterization, not production tested.
(4)
For more details, see Figure 31.
(5)
For more details, see Figure 32.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DAC8311 DAC8411


Similar Part No. - DAC8411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8411 TI-DAC8411 Datasheet
2Mb / 38P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8411IDCKR TI-DAC8411IDCKR Datasheet
2Mb / 38P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8411IDCKR TI1-DAC8411IDCKR Datasheet
2Mb / 40P
[Old version datasheet]   Low-Power, Single-Channel, Digital-to-Analog Converters
DAC8411IDCKRG4 TI1-DAC8411IDCKRG4 Datasheet
2Mb / 40P
[Old version datasheet]   Low-Power, Single-Channel, Digital-to-Analog Converters
DAC8411IDCKT TI-DAC8411IDCKT Datasheet
2Mb / 38P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
More results

Similar Description - DAC8411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8311 TI-DAC8311 Datasheet
2Mb / 38P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI-DAC5311_08 Datasheet
2Mb / 41P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI1-DAC5311 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI1-DAC5311_15 Datasheet
2Mb / 39P
[Old version datasheet]   12-Bit, Low-Power, Single-Channel Digital-to-Analog Converters in SC70 Package
DAC5311 TI-DAC5311 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,
logo
Intronics Power, Inc.
DAS1157 INTRONICS-DAS1157 Datasheet
904Kb / 4P
   Low Power 14-Bit, 15-Bit & 16-Bit Sampling Analog-to-Digital Converters
logo
Texas Instruments
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI1-ADS42LB49 Datasheet
3Mb / 80P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com