Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8311 Datasheet(PDF) 11 Page - Texas Instruments

Part # DAC8311
Description  1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel,DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8311 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC8311_08 Datasheet HTML 7Page - Texas Instruments DAC8311_08 Datasheet HTML 8Page - Texas Instruments DAC8311_08 Datasheet HTML 9Page - Texas Instruments DAC8311_08 Datasheet HTML 10Page - Texas Instruments DAC8311_08 Datasheet HTML 11Page - Texas Instruments DAC8311_08 Datasheet HTML 12Page - Texas Instruments DAC8311_08 Datasheet HTML 13Page - Texas Instruments DAC8311_08 Datasheet HTML 14Page - Texas Instruments DAC8311_08 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Time(500ns/div)
AV
=5V
ClockFeedthroughImpulse~0.5nV-s
DD
0
20
-40
-60
-80
-100
-120
-140
20
5
10
15
0
Frequency(kHz)
AV
=5V,
DD
f
OUT
S
=1kHz,f =225kSPS,
MeasurementBandwidth=20kHz
Time(5 s/div)
m
Clock
Feedthrough
~0.5nV-s
GlitchImpulse
<0.5nV-s
AV
=5V
FromCode:7FFFh
ToCode:8000h
DD
Time(5 s/div)
m
Clock
Feedthrough
~0.5nV-s
GlitchImpulse
<0.5nV-s
AV
=5V
FromCode:8000h
ToCode:7FFFh
DD
Time(5 s/div)
m
Clock
Feedthrough
~0.5nV-s
GlitchImpulse
<0.5nV-s
AV
=5V
FromCode:2000h
ToCode:2001h
DD
Time(5 s/div)
m
Clock
Feedthrough
~0.5nV-s
GlitchImpulse
<0.5nV-s
AV
=5V
FromCode:2001h
ToCode:2000h
DD
DAC8311
DAC8411
www.ti.com ................................................................................................................................................................................................ SBAS439 – AUGUST 2008
TYPICAL CHARACTERISTICS: AVDD = +5V (continued)
At TA = +25°C, AVDD = +5V, and DAC loaded with mid-scale code, unless otherwise noted.
CLOCK FEEDTHROUGH
POWER SPECTRAL DENSITY
5V, 2MHz, MIDSCALE
Figure 19.
Figure 20.
GLITCH ENERGY
GLITCH ENERGY
5V, 16-BIT, 1LSB STEP, RISING EDGE
5V, 16-BIT, 1LSB STEP, FALLING EDGE
Figure 21.
Figure 22.
GLITCH ENERGY
GLITCH ENERGY
5V, 14-BIT, 1LSB STEP, RISING EDGE
5V, 14-BIT, 1LSB STEP, FALLING EDGE
Figure 23.
Figure 24.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): DAC8311 DAC8411


Similar Part No. - DAC8311_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8311IDCKR TI-DAC8311IDCKR Datasheet
2Mb / 38P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311IDCKR TI1-DAC8311IDCKR Datasheet
2Mb / 40P
[Old version datasheet]   Low-Power, Single-Channel, Digital-to-Analog Converters
DAC8311IDCKRG4 TI1-DAC8311IDCKRG4 Datasheet
2Mb / 40P
[Old version datasheet]   Low-Power, Single-Channel, Digital-to-Analog Converters
DAC8311IDCKT TI-DAC8311IDCKT Datasheet
2Mb / 38P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311IDCKT TI1-DAC8311IDCKT Datasheet
2Mb / 40P
[Old version datasheet]   Low-Power, Single-Channel, Digital-to-Analog Converters
More results

Similar Description - DAC8311_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8311 TI-DAC8311 Datasheet
2Mb / 38P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI-DAC5311_08 Datasheet
2Mb / 41P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI1-DAC5311 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI1-DAC5311_15 Datasheet
2Mb / 39P
[Old version datasheet]   12-Bit, Low-Power, Single-Channel Digital-to-Analog Converters in SC70 Package
DAC5311 TI-DAC5311 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,
logo
Intronics Power, Inc.
DAS1157 INTRONICS-DAS1157 Datasheet
904Kb / 4P
   Low Power 14-Bit, 15-Bit & 16-Bit Sampling Analog-to-Digital Converters
logo
Texas Instruments
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI1-ADS42LB49 Datasheet
3Mb / 80P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com