Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25100ZXI-XXXWT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY25100ZXI-XXXWT
Description  Field and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25100ZXI-XXXWT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY25100ZXI-XXXWT Datasheet HTML 5Page - Cypress Semiconductor CY25100ZXI-XXXWT Datasheet HTML 6Page - Cypress Semiconductor CY25100ZXI-XXXWT Datasheet HTML 7Page - Cypress Semiconductor CY25100ZXI-XXXWT Datasheet HTML 8Page - Cypress Semiconductor CY25100ZXI-XXXWT Datasheet HTML 9Page - Cypress Semiconductor CY25100ZXI-XXXWT Datasheet HTML 10Page - Cypress Semiconductor CY25100ZXI-XXXWT Datasheet HTML 11Page - Cypress Semiconductor CY25100ZXI-XXXWT Datasheet HTML 12Page - Cypress Semiconductor CY25100ZXI-XXXWT Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CY25100
Document #: 38-07499 Rev. *F
Page 9 of 13
Informational Graphs (continued)[6]
SSCLK EMI Attenuation vs. Spread%
(Measured at 7th Harmonic Temp=25C, VDD=3.3V,
SSCLK=100MHz, Measured on Cypress
Characterization board w ith CLOAD=15pF)
-16
-14
-12
-10
-8
-6
-4
-2
0
0.0%
0.5%
1.0%
1.5%
2.0%
2.5%
3.0%
3.5%
4.0%
4.5%
5.0%
Spread %
Max Cycle-Cycle Jitter on SSCLK vs.
Tem perature
(SSCLK=100MHz, VDD=3.3V, CLOAD=15pF, +/-
2%spread, REFCLK off)
0
25
50
75
100
125
150
175
200
-40
- 20
0
20
40
60
80
100
Tem perature (deg C)
[+] Feedback


Similar Part No. - CY25100ZXI-XXXWT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25100ZXI-XXXWT CYPRESS-CY25100ZXI-XXXWT Datasheet
279Kb / 11P
   Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
More results

Similar Description - CY25100ZXI-XXXWT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25100 CYPRESS-CY25100 Datasheet
279Kb / 11P
   Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_07 Datasheet
364Kb / 12P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_09 Datasheet
380Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com