Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2305SXC-1H Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2305SXC-1H
Description  Low-Cost 3.3V Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2305SXC-1H Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2305SXC-1H Datasheet HTML 1Page - Cypress Semiconductor CY2305SXC-1H Datasheet HTML 2Page - Cypress Semiconductor CY2305SXC-1H Datasheet HTML 3Page - Cypress Semiconductor CY2305SXC-1H Datasheet HTML 4Page - Cypress Semiconductor CY2305SXC-1H Datasheet HTML 5Page - Cypress Semiconductor CY2305SXC-1H Datasheet HTML 6Page - Cypress Semiconductor CY2305SXC-1H Datasheet HTML 7Page - Cypress Semiconductor CY2305SXC-1H Datasheet HTML 8Page - Cypress Semiconductor CY2305SXC-1H Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CY2305
CY2309
Document #: 38-07140 Rev. *I
Page 3 of 15
Figure 3. REF. Input to CLKA/CLKB Delay vs. Loading Difference between CLKOUT and CLKA/CLKB Pins
Zero Delay and Skew Control
All outputs must be uniformly loaded to achieve Zero Delay between the input and output. Since the CLKOUT pin is the internal
feedback to the PLL, its relative loading can adjust the input-output delay. This is shown in the above graph.
For applications requiring zero input-output delay, all outputs, including CLKOUT, must be equally loaded. Even if CLKOUT is not
used, it must have a capacitive load, equal to that on other outputs, for obtaining zero input-output delay. If input to output delay
adjustments are required, use the above graph to calculate loading differences between the CLKOUT pin and other outputs.
For zero output-output skew, be sure to load all outputs equally. For further information refer to the application note entitled “CY2305
and CY2309 as PCI and SDRAM Buffers.”
13
VDD
3.3V supply
14
CLKA3[2]
Buffered clock output, Bank A
15
CLKA4[2]
Buffered clock output, Bank A
16
CLKOUT[2]
Buffered output, internal feedback on this pin
Select Input Decoding for CY2309
S2
S1
CLOCK A1–A4
CLOCK B1–B4
CLKOUT[4]
Output Source
PLL Shutdown
0
0
Three-state
Three-state
Driven
PLL
N
0
1
Driven
Three-state
Driven
PLL
N
1
0
Driven
Driven
Driven
Reference
Y
1
1
Driven
Driven
Driven
PLL
N
Table 2. Pin Description for CY2309
Pin
Signal
Description
Notes
4. This output is driven and has an internal feedback for the PLL. The load on this output can be adjusted to change the skew between the reference and output.
[+] Feedback


Similar Part No. - CY2305SXC-1H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305SXC-1H CYPRESS-CY2305SXC-1H Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
CY2305SXC-1H CYPRESS-CY2305SXC-1H Datasheet
490Kb / 19P
   Low Cost 3.3-V Zero Delay Buffer
CY2305SXC-1HT CYPRESS-CY2305SXC-1HT Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
CY2305SXC-1HT CYPRESS-CY2305SXC-1HT Datasheet
490Kb / 19P
   Low Cost 3.3-V Zero Delay Buffer
More results

Similar Description - CY2305SXC-1H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_09 Datasheet
380Kb / 15P
   Low Cost 3.3V Zero Delay Buffer
CY2305 CYPRESS-CY2305_05 Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
CY2309 CYPRESS-CY2309 Datasheet
200Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
logo
Exar Corporation
XRK32309 EXAR-XRK32309 Datasheet
302Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
logo
Renesas Technology Corp
MPC962305 RENESAS-MPC962305 Datasheet
801Kb / 19P
   Low-Cost, 3.3V Zero Delay Buffer
2019
logo
Integrated Device Techn...
MPC962305EF-1H IDT-MPC962305EF-1H Datasheet
500Kb / 18P
   Low-Cost, 3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY23S09 CYPRESS-CY23S09_09 Datasheet
313Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09_04 Datasheet
188Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
CY23S05 CYPRESS-CY23S05 Datasheet
302Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09 Datasheet
184Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com