Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25100ZXIF Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY25100ZXIF
Description  Field and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25100ZXIF Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY25100ZXIF Datasheet HTML 1Page - Cypress Semiconductor CY25100ZXIF Datasheet HTML 2Page - Cypress Semiconductor CY25100ZXIF Datasheet HTML 3Page - Cypress Semiconductor CY25100ZXIF Datasheet HTML 4Page - Cypress Semiconductor CY25100ZXIF Datasheet HTML 5Page - Cypress Semiconductor CY25100ZXIF Datasheet HTML 6Page - Cypress Semiconductor CY25100ZXIF Datasheet HTML 7Page - Cypress Semiconductor CY25100ZXIF Datasheet HTML 8Page - Cypress Semiconductor CY25100ZXIF Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CY25100
Field and Factory-Programmable Spread Spectrum
Clock Generator for EMI Reduction
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-07499 Rev. *F
Revised November 4, 2008
Features
Wide operating output (SSCLK) frequency range
3 MHz to 200 MHz
Programmable spread spectrum with nominal 31.5 kHz
modulation frequency
Center spread: ±0.25% to ±2.5%
Down spread: –0.5% to –5.0%
Input frequency range
External crystal: 8 to 30 MHz fundamental crystals
External reference: 8 to 166 MHz clock
Integrated phase-locked loop (PLL)
Field programmable
CY25100SCF and CY25100SIF, 8-pin SOIC
CY25100ZCF and CY25100ZIF, 8-pin TSSOP
Programmable crystal load capacitor tuning array
Low cycle-to-cycle jitter
3.3V operation
Commercial and industrial operation
Spread spectrum on/off function
Power down or Output Enable function
Benefits
Services most PC peripherals, networking, and consumer
applications.
Provides wide range of spread percentages for maximum
electromagnetic interference (EMI) reduction, to meet
regulatory agency electromagnetic compliance (EMC) require-
ments. Reduces development and manufacturing costs and
time-to-market.
Eliminates the need for expensive and difficult to use higher
order crystals.
Internal PLL to generate up to 200 MHz output. Able to generate
custom frequencies from an external crystal or a driven source.
In-house programming of samples and prototype quantities is
available using the CY3672 programming kit and
CY3690 (TSSOP) or CY3691 (SOIC) socket adapter.
Production quantities are available through Cypress’s value
added distribution partners or by using third party programmers
from BP Microsystems, HiLo Systems, and others.
Enables fine tuning of output clock frequency by adjusting
CLoad of the crystal. Eliminates the need for external CLoad
capacitors.
Suitable for most PC, consumer, and networking applications.
Application compatibility in standard and low power systems.
Ability to enable or disable spread spectrum with an external
pin.
Enables low power state or output clocks to High-Z state.
PLL
with
MODULATION
CONTROL
PROGRAM M ABLE
CONFIGURATION
OUTPUT
DIVIDERS
and
MUX
3
2
4
8
1
5
7
6
VDD
VSS
REFCLK
SSCLK
XOUT
XIN
PD# or OE
SSON#
RFB
CXOUT
CXIN
Logic Block Diagram
[+] Feedback


Similar Part No. - CY25100ZXIF

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25100ZXIF CYPRESS-CY25100ZXIF Datasheet
279Kb / 11P
   Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
More results

Similar Description - CY25100ZXIF

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25100 CYPRESS-CY25100 Datasheet
279Kb / 11P
   Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_07 Datasheet
364Kb / 12P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_09 Datasheet
380Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com