Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25100SXIF Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY25100SXIF
Description  Field and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25100SXIF Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY25100SXIF Datasheet HTML 2Page - Cypress Semiconductor CY25100SXIF Datasheet HTML 3Page - Cypress Semiconductor CY25100SXIF Datasheet HTML 4Page - Cypress Semiconductor CY25100SXIF Datasheet HTML 5Page - Cypress Semiconductor CY25100SXIF Datasheet HTML 6Page - Cypress Semiconductor CY25100SXIF Datasheet HTML 7Page - Cypress Semiconductor CY25100SXIF Datasheet HTML 8Page - Cypress Semiconductor CY25100SXIF Datasheet HTML 9Page - Cypress Semiconductor CY25100SXIF Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CY25100
Document #: 38-07499 Rev. *F
Page 6 of 13
Application Circuit
Figure 2. Application Circuit Diagram[3, 4, 5]
Switching Waveforms
0. 1u F
VD D
1
3
2
4
5
6
7
8
VD D
XO U T
X I N/ C L KI N
PD # / O E
VSS
RE F C L K
SSC L K
SSO N #
Po w e r
C Y 2 510 0
t1A
t1B
OUTPUT
Figure 3. Duty Cycle Timing (DC = t1A/t1B)
OUTPUT
Tr
VDD
0V
Tf
Output Rise time (Tr) = (0.6 x VDD)/SR1 (or SR3)
Output Fall time (Tf) = (0.6 x VDD)/SR2 (or SR4)
Refer to AC Electrical Characteristics table for SR (Slew Rate) values.
Figure 4. Output Rise/Fall Time (SSCLK and REFCLK)
CLKOUT
VDD
tPU
tSTP
VIL
VIH
POWER
DOWN
0V
(Asynchronous)
High Impedance
Figure 5. Power Down and Power Up Timing
Notes
3. Because the load capacitors (CXIN and CXOUT) are provided by the CY25100, no external capacitors are needed on the XIN and XOUT pins to match the crystal load
capacitor (CL). Only a single 0.1-μF bypass capacitor is required on the VDD pin.
4. If an external clock is used, apply the clock to XIN (pin 3) and leave XOUT (pin 2) floating (unconnected).
5. If SSON# (pin 8) is LOW (VSS), the frequency modulation is on at SSCLK pin (pin 7).
[+] Feedback


Similar Part No. - CY25100SXIF

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25100SXIF CYPRESS-CY25100SXIF Datasheet
279Kb / 11P
   Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
More results

Similar Description - CY25100SXIF

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25100 CYPRESS-CY25100 Datasheet
279Kb / 11P
   Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_07 Datasheet
364Kb / 12P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_09 Datasheet
380Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com