Part Name
         Description
CY25100_08

 Field and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction ( 13 Page)


CYPRESS
100% 
Zoom Out Zoom In
 
 3 page
background image
CY25100
Document #: 38-07499 Rev. *F
Page 3 of 13
Programming Description
Field Programmable CY25100
The CY25100 is programmed at the package level, that is, in a
programmer socket. The CY25100 is Flash based, so the parts
can be reprogrammed up to 100 times. This allows fast and easy
design changes and product updates, and eliminates any issues
with old and out-of-date inventory.
Samples and small prototype quantities can be programmed on
the CY3672 programmer with CY3690 (TSSOP) or CY3691
(SOIC) socket adapter.
CyberClocks
™ Online Software
CyberClocks
™ Online Software is a web based software appli-
cation that allows the user to custom-configure the CY25100. All
the parameters in Table 1 given as “Enter Data” can be
programmed into the CY25100. CyberClocks Online outputs an
industry-standard JEDEC file used for programming the
CY25100. CyberClocks Online is available at www.cyberclock-
sonline.com web site through user registration. To register, fill out
the registration form and make sure to check the “non-standard
devices” box. For more information on the registration process
refer to CY3672 data sheet
For
information
regarding
spread
spectrum
software
programming solutions, contact your local Cypress sales repre-
sentative or Field Application Engineer (FAE).
CY3672 FTG Programming Kit and CY3690/CY3691
Socket Adapter
The Cypress CY3672 FTG programmer and CY3690 and
CY3691 socket adapters are required to program the CY25100.
The CY3690 enables users to program CY25100ZCF and
CY25100ZIF (TSSOP). CY3691 provides the ability to program
CY25100SCF and CY25100SIF (SOIC). Each socket adapter
comes with small prototype quantities of CY25100. The CY3690
and CY3691 is a separate orderable item, so the existing users
of the
CY3672
FTG development
kit
or
CY3672-PRG
programmer need to order only the socket adapters to program
the CY25100.
Factory Programmable CY25100
at www.cypress.com) must be completed. After the request is
processed, you will receive a new part number, samples, and
data sheet with the programmed values. This part number is
used for additional sample requests and production orders.
Additional information on the CY25100 can be obtained from the
Cypress web site at www.cypress.com.
Product Functions
Input Frequency (XIN, Pin 3 and XOUT, Pin 2)
The input to the CY25100 can be a crystal or a clock. The input
frequency range for crystals is 8 to 30 MHz, and for clock signals
is 8 to 166 MHz.
CXIN and CXOUT (Pin 3 and Pin 2)
The load capacitors at Pin 1 (CXIN) and Pin 8 (CXOUT) can be
programmed from 12 pF to 60 pF with 0.5 pF increments. The
programmed value of these on-chip crystal load capacitors are
the same (XIN = XOUT = 12 to 60 pF).
The required values of CXIN and CXOUT are calculated using the
following formula:
CXIN = CXOUT = 2CL – CP
where CL is the crystal load capacitor as specified by the crystal
manufacturer and CP is the parasitic PCB capacitance.
For example, if a fundamental 16 MHz crystal with CL of 16 pF is
used and CP is 2 pF, CXIN and CXOUT are calculated as:
CXIN = CXOUT = (2 x 16) – 2 = 30 pF
If using a driven reference, set CXIN and CXOUT to the minimum
value 12 pF.
Output Frequency, SSCLK Output (SSCLK, Pin 7)
The modulated frequency at the SSCLK output is produced by
synthesizing the input reference clock. The modulation can be
stopped by SSON# digital control input (SSON# = HIGH, no
modulation). If modulation is stopped, the clock frequency is the
nominal value of the synthesized frequency without modulation
(spread percentage = 0). The range of synthesized clock is from
3 to 200 MHz.
Spread Percentage (SSCLK, Pin 7)
The SSCLK spread can be programmed at any percentage value
from ±0.25% to ±2.5% for center spread and from –0.5% to
–5.0% down spread.
Reference Output (REFOUT, Pin 6)
The reference clock output has the same frequency and the
same phase as the input clock. This output can be programmed
to be enabled (clock on) or disabled (High-Z, clock off). If this
output is not required, it is recommended that users request the
disabled (High-Z, Clock Off) option.
Frequency Modulation
The frequency modulation is programmed at 31.5 kHz for all
SSCLK frequencies from 3 to 200 MHz. Contact the factory if a
higher modulation frequency is required.
Power Down or Output Enable (PD# or OE, Pin 4)
The part can be programmed to include either PD# or OE
function. PD# function powers down the oscillator and PLL. The
OE function disables the outputs.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CY25000Programmable Spread Spectrum Clock Generator for EMI Reduction 1 2 3 4 5 MoreCypress Semiconductor
CY25200_07Programmable Spread Spectrum Clock Generator for EMI Reduction 1 2 3 4 5 MoreCypress Semiconductor
CY22K7_04133-MHz Spread Spectrum Clock Generator For Use With the AMD-K7® Processor and AMD-750 Chipset 1 2 3 4 5 MoreCypress Semiconductor
HD151TS302RP_06Spread Spectrum Clock for EMI Solution 1 2 3 4 5 MoreRenesas Technology Corp
IMISG509REDUCED EMI CLOCK CHIP CMOS LSI SPECTRUM SPREAD CLOCK GENERATOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HD151TS303RPSpread Spectrum Clock for EMI Solution 1 2 3 4 5 MoreRenesas Technology Corp
HD151TS304RPSpread Spectrum Clock for EMI Solution 1 2 3 4 5 MoreRenesas Technology Corp
HD151TS307ARPSpread Spectrum Clock for EMI Solution 1 2 3 4 5 MoreRenesas Technology Corp
RD151TS3312ARPSpread Spectrum Clock for EMI Solution 1 2 3 4 5 MoreRenesas Technology Corp
RD151TS3313ARPSpread Spectrum Clock for EMI Solution 1 2 3 4 5 MoreRenesas Technology Corp

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl