Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22393 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY22393
Description  Three-PLL Serial-Programmable Flash-Programmable Clock Generator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22393 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY22393 Datasheet HTML 3Page - Cypress Semiconductor CY22393 Datasheet HTML 4Page - Cypress Semiconductor CY22393 Datasheet HTML 5Page - Cypress Semiconductor CY22393 Datasheet HTML 6Page - Cypress Semiconductor CY22393 Datasheet HTML 7Page - Cypress Semiconductor CY22393 Datasheet HTML 8Page - Cypress Semiconductor CY22393 Datasheet HTML 9Page - Cypress Semiconductor CY22393 Datasheet HTML 10Page - Cypress Semiconductor CY22393 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
CY22393, CY22394, CY22395
Document #: 38-07186 Rev. *D
Page 7 of 19
Clk*_FS[2:0]
Each of the four main output clocks (CLKA–CLKD) has a
three-bit code that determines the clock sources for the output
divider. The available clock sources are: Reference, PLL1, PLL2,
and PLL3. Each PLL provides both positive and negative phased
outputs, for a total of seven clock sources (see Table 2). Note
that the phase is a relative measure of the PLL output phases.
No absolute phase relation exists at the outputs.
Xbuf_OE
This bit enables the XBUF output when HIGH. For the CY22395,
Xbuf_OE = 0.
PdnEn
This bit selects the function of the SHUTDOWN/OE pin. When
this bit is HIGH, the pin is an active LOW shutdown control. When
this bit is LOW, this pin is an active HIGH output enable control.
Clk*_ACAdj[1:0]
These bits modify the output predrivers, changing the duty cycle
through the pads. These are nominally set to 01, with a higher
value shifting the duty cycle higher. The performance of the
nominal setting is guaranteed.
Clk*_DCAdj[1:0]
These bits modify the DC drive of the outputs. The performance
of the nominal setting is guaranteed.
PLL*_Q[7:0]
PLL*_P[9:0]
PLL*_P0
These are the 8-bit Q value and 11-bit P values that determine
the PLL frequency. The formula is:
PLL*_LF[2:0]
These bits adjust the loop filter to optimize the stability of the PLL.
Table 4 can be used to guarantee stability. However,
CyClocksRT uses a more complicated algorithm to set the loop
filter for enhanced jitter performance. Use the Print Preview
function in CyClocksRT to determine the charge pump settings
for optimal jitter performance.
PLL*_En
This bit enables the PLL when HIGH. If PLL2 or PLL3 are not
enabled, then any output selecting the disabled PLL must have
a divider setting of zero (off). Since the PLL1_En bit is dynamic,
internal logic automatically turns off dependent outputs when
PLL1_En goes LOW.
DivSel
This bit controls which register is used for the CLKA and CLKB
dividers.
OscCap[5:0]
This controls the internal capacitive load of the oscillator. The
approximate effective crystal load capacitance is:
Set to zero for external reference clock.
Table 2. Clock Source
Clk*_FS[2:0]
Clock Source
000
Reference Clock
001
Reserved
010
PLL1 0
° Phase
011
PLL1 180
° Phase
100
PLL2 0
° Phase
101
PLL2 180
° Phase
110
PLL3 0
° Phase
111
PLL3 180
° Phase
Table 3. Output Drive Strength
Clk*_DCAdj[1:0]
Output Drive Strength
00
–30% of nominal
01
Nominal
10
+15% of nominal
11
+50% of nominal
Table 4. Loop Filter Settings
PLL*_LF[2:0]
PT Min
PT Max
00016231
001
232
626
010
627
834
011
835
1043
100
1044
1600
FPLL
FREF
PT
QT
-------
⎝⎠
⎛⎞
×
=
PT
2P 3
+
()
×
() PO
+
=
QT
Q2
+
=
Equation 1
CLOAD
6pF
OscCap 0.375pF
×
()
+
=
Equation 2
[+] Feedback


Similar Part No. - CY22393

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22393 CYPRESS-CY22393 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22393 CYPRESS-CY22393 Datasheet
412Kb / 17P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY223931 CYPRESS-CY223931 Datasheet
418Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22393FC CYPRESS-CY22393FC Datasheet
412Kb / 17P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22393FCT CYPRESS-CY22393FCT Datasheet
412Kb / 17P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
More results

Similar Description - CY22393

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22393 CYPRESS-CY22393_09 Datasheet
418Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22393 CYPRESS-CY22393 Datasheet
412Kb / 17P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381_1105 CYPRESS-CY22381_1105 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com