Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY23S05SXC-1H Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY23S05SXC-1H
Description  Low Cost 3.3V Spread Aware Zero Delay Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23S05SXC-1H Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY23S05SXC-1H Datasheet HTML 1Page - Cypress Semiconductor CY23S05SXC-1H Datasheet HTML 2Page - Cypress Semiconductor CY23S05SXC-1H Datasheet HTML 3Page - Cypress Semiconductor CY23S05SXC-1H Datasheet HTML 4Page - Cypress Semiconductor CY23S05SXC-1H Datasheet HTML 5Page - Cypress Semiconductor CY23S05SXC-1H Datasheet HTML 6Page - Cypress Semiconductor CY23S05SXC-1H Datasheet HTML 7Page - Cypress Semiconductor CY23S05SXC-1H Datasheet HTML 8Page - Cypress Semiconductor CY23S05SXC-1H Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CY23S09, CY23S05
Document Number: 38-07296 Rev. *D
Page 4 of 9
Maximum Ratings
Supply Voltage to Ground Potential................–0.5V to +7.0V
DC Input Voltage (Except REF) ............ –0.5V to VDD + 0.5V
DC Input Voltage REF
............................................. −0.5V to 7V
Storage Temperature ................................. –65
°C to +150°C
Maximum Soldering Temperature (10 seconds)......... 260
°C
Junction Temperature ................................................. 150
°C
Static Discharge Voltage
(per MIL-STD-883, Method 3015) ........................... > 2,000V
Operating Conditions for CY23S05SC-XX and CY23S09SC-XX Commercial Temperature Devices[5]
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
0
70
°C
CL
Load Capacitance, below 100 MHz
30
pF
CL
Load Capacitance, from 100 MHz to 133 MHz
10
pF
CIN
Input Capacitance
7
pF
Electrical Characteristics for CY23S05SC-XX and CY23S09SC-XX Commercial Temperature Devices
Parameter
Description
Test Conditions
Min
Max
Unit
VIL
Input LOW Voltage[6]
0.8
V
VIH
Input HIGH Voltage[6]
2.0
V
IIL
Input LOW Current
VIN = 0V
50.0
μA
IIH
Input HIGH Current
VIN = VDD
100.0
μA
VOL
Output LOW Voltage[7]
IOL = 8 mA (–1)
IOH = 12 mA (–1H)
0.4
V
VOH
Output HIGH Voltage[7]
IOH = –8 mA (–1)
IOL = –12 mA (–1H)
2.4
V
IDD (PD mode)
Power Down Supply Current
REF = 0 MHz
12.0
μA
IDD
Supply Current
Unloaded outputs at 66.67 MHz,
SEL inputs at VDD
32.0
mA
Switching Characteristics for CY23S05SC-1 and CY23S09SC-1 Commercial Temperature Devices [8]
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
t1
Output Frequency
30 pF load
10 pF load
10
10
100
133.33
MHz
MHz
Duty Cycle[7] = t2 ÷ t1
Measured at 1.4V, Fout = 66.67 MHz
40.0
50.0
60.0
%
t3
Rise Time[7]
Measured between 0.8V and 2.0V
2.50
ns
t4
Fall Time[7]
Measured between 0.8V and 2.0V
2.50
ns
t5
Output-to-Output Skew[7]
All outputs equally loaded
250
ps
t6
Delay, REF Rising Edge to
CLKOUT Rising Edge[7]
Measured at VDD/2
0
±350
ps
t7
Device-to-Device Skew[7]
Measured at VDD/2 on the CLKOUT pins
of devices
0
700
ps
tJ
Cycle-to-Cycle Jitter[7]
Measured at 66.67 MHz, loaded outputs
200
ps
tLOCK
PLL Lock Time[7]
Stable power supply, valid clock
presented on REF pin
1.0
ms
Notes
5. Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power up. Power supply sequencing is NOT required.
6. REF input has a threshold voltage of VDD/2.
7. Parameter is guaranteed by design and characterization. Not 100% tested in production.
8. All parameters specified with loaded outputs.
[+] Feedback


Similar Part No. - CY23S05SXC-1H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23S05SXC-1H CYPRESS-CY23S05SXC-1H Datasheet
188Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
More results

Similar Description - CY23S05SXC-1H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23S09 CYPRESS-CY23S09_09 Datasheet
313Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09 Datasheet
184Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
CY23S09 CYPRESS-CY23S09_04 Datasheet
188Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
W163 CYPRESS-W163_02 Datasheet
95Kb / 5P
   Spread Aware?? Zero Delay Buffer
W162 CYPRESS-W162 Datasheet
147Kb / 7P
   Spread Aware?? Zero Delay Buffer
W163 CYPRESS-W163 Datasheet
89Kb / 4P
   Spread Aware?? Zero Delay Buffer
W152 CYPRESS-W152 Datasheet
145Kb / 7P
   Spread Aware?? Eight Output Zero Delay Buffer
W152 CYPRESS-W152_02 Datasheet
150Kb / 8P
   Spread Aware?? Eight Output Zero Delay Buffer
CY2509 CYPRESS-CY2509_09 Datasheet
157Kb / 6P
   Spread Aware Ten/Eleven Output Zero Delay Buffer
CY23S02 CYPRESS-CY23S02 Datasheet
103Kb / 7P
   Spread Aware, Frequency Multiplier and Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com