Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFOJ2505B3 Datasheet(PDF) 1 Page - AEL Crystals Ltd

Part # EFOJ2505B3
Description  Chip Ceramic Resonators Built-In Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd

EFOJ2505B3 Datasheet(HTML) 1 Page - AEL Crystals Ltd

  EFOJ2505B3 Datasheet HTML 1Page - AEL Crystals Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
APPLICATIONS
STANDARD
SPECIFICATION
TEST CIRCUITS
Ceramic Encapsulation
High Reliability
Designed for Reflow Soldering
Low Profile 1.8mm
Clock Generator
Datacommunications
Telecommunication
Automotive Electronics
Specify
Frequency Range
E.S.R
Chip Ceramic Resonators
Built-In Capacitors
q u a r t z
b a s e d
f r e q u e n c y
c o n t r o l
c o m p o n e n t s
Order Hotline +44 1293 524245
www.aelcrystals.co.uk
sales@aelcrystals.co.uk
M
7.3
7.8
2.5
2.5
3.2
2.7
1.3
Type S
M
M
M
5.0
5.0
3.9
5.5
5.5
4.4
1.9
1.9
1.9
1.9
3.2
3.2
4.5
3.6
2.7
4.0
3.1
1.2
1.2
Type B
Type T
Type J
Type S ( 2.0 MHz ~ 13 MHz)
Type B (13.1 MHz ~ 20 MHz)
Type T (20.1 MHz ~ 30 MHz)
Type J (30.1 MHz ~ 50 MHz)
OPTIONS
Application Note
o
Reflow soldering shall be done at 220 C for less
than 10 seconds, and peak temperature of
o
240 C
Flow soldering and dip soldering method should
not be applied
ORDERING CODE
E
F
O
3
5
8
4
1
2
3
4
6
7
8
9
10
11
12
5
Product Code
EFO
Ceramic
Resonators
Chip Type
S
2 ~ 13 MHz
B 13.1 ~ 20 MHz
T 20.1 ~ 30 MHz
J 30.1 ~ 50 MHz
Nominal Freq
3584 3.58 MHz
1695 16.9 MHz
2505 25.0 MHz
4005 40.0 MHz
Package Type
B
Bulk Pack
E
Taped
Freq. Tol.
o +/-1.0%
3 +/-0.3%
5 +/-0.5%
Manufacturers
Design Code
Bulk Pa ck
Embossed Taping
EFOS3584B5
EFOS3585E5
3.58 MHz +/ -0.5%
EFOS4004B5
EFOS4004E5
4.00 MHz +/ -0.5%
EFOS8004B5
EFOS8004E5
8.00 MHz +/ -0.5%
EFOS1005B5
EFOS1005E5
10.00 MHz +/ -0.5%
EFOS1205B5
EFOS1205E5
12.00 MHz +/ -0.5%
EFOB1605B5
EFOB1605E5
16.00 MHz +/ -0.5%
EFOB1695B5
EFOB1695E5
16.93 MHz +/ -0.5%
EFOB2005B5
EFOB2005E5
20.00 MHz +/ -0.5%
EFOT2405B5
EFOT2405E5
24.00 MHz +/ -0.5%
EFOT2545B5
EFOT2545E5
25.40 MHz +/ -0.5%
EFOJ3205B5
EFOJ3205E5
32.00 MHz +/ -0.5%
EFOJ3385B5
EFOJ3385E5
33.868 MHz +/ -0.5%
Part Numbe r
Oscilla tion
Frequency
41
www.aelcrystals.co.uk


Similar Part No. - EFOJ2505B3

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
EFOJ2505B3 AEL-EFOJ2505B3 Datasheet
149Kb / 1P
   Chip Ceramic Resonators General Purpose
More results

Similar Description - EFOJ2505B3

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EFOS4004E5 PANASONIC-EFOS4004E5 Datasheet
562Kb / 3P
   eramic Resonators, Chip Type (Built-In Capacitors Type)
logo
Abracon Corporation
AWSZTMGS-T ABRACON-AWSZTMGS-T Datasheet
390Kb / 3P
   HIGH FREQUENCY, WITHOUT BUILT-IN CAPACITORS SMD WASHABLE CERAMIC RESONATORS
Rev. B 01/2003
ASZT ABRACON-ASZT Datasheet
340Kb / 2P
   HIGH FREQUENCY, WITH OR WITHOUT BUILT-IN CAPACITORS SURFACE MOUNT CERAMIC RESONATORS
Rev. B 01/2003
logo
AVX Corporation
PBRC-B AVX-PBRC-B Datasheet
130Kb / 2P
   Built-in Capacitor MHz Band SMT Resonators
logo
Panasonic Semiconductor
EFO-P3584E5 PANASONIC-EFO-P3584E5 Datasheet
246Kb / 4P
   Ceramic Resonators, Chip Type
logo
AEL Crystals Ltd
EFOP3584B5 AEL-EFOP3584B5 Datasheet
149Kb / 1P
   Chip Ceramic Resonators General Purpose
logo
EUROQUARTZ limited
ZTB456F EUROQUARTZ-ZTB456F Datasheet
29Kb / 1P
   CERAMIC RESONATORS
ZTT2MG EUROQUARTZ-ZTT2MG Datasheet
60Kb / 1P
   CERAMIC RESONATORS
logo
Raltron Electronics Cor...
POI RALTRON-POI Datasheet
91Kb / 1P
   CERAMIC RESONATORS
logo
Kyocera Kinseki Corpota...
PBRC-G KSS-PBRC-G Datasheet
110Kb / 2P
   MHz Band Ceramic Chip Resonators (SMD)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com