Part Name
         Description
CY2305_08

 Low-Cost 3.3V Zero Delay Buffer ( 15 Page)


CYPRESS
100% 
Zoom Out Zoom In
 
 3 page
background image
CY2305
CY2309
Document #: 38-07140 Rev. *I
Page 3 of 15
Figure 3. REF. Input to CLKA/CLKB Delay vs. Loading Difference between CLKOUT and CLKA/CLKB Pins
Zero Delay and Skew Control
All outputs must be uniformly loaded to achieve Zero Delay between the input and output. Since the CLKOUT pin is the internal
feedback to the PLL, its relative loading can adjust the input-output delay. This is shown in the above graph.
For applications requiring zero input-output delay, all outputs, including CLKOUT, must be equally loaded. Even if CLKOUT is not
used, it must have a capacitive load, equal to that on other outputs, for obtaining zero input-output delay. If input to output delay
adjustments are required, use the above graph to calculate loading differences between the CLKOUT pin and other outputs.
For zero output-output skew, be sure to load all outputs equally. For further information refer to the application note entitled “CY2305
and CY2309 as PCI and SDRAM Buffers.”
13
VDD
3.3V supply
14
CLKA3[2]
Buffered clock output, Bank A
15
CLKA4[2]
Buffered clock output, Bank A
16
CLKOUT[2]
Buffered output, internal feedback on this pin
Select Input Decoding for CY2309
S2
S1
CLOCK A1–A4
CLOCK B1–B4
CLKOUT[4]
Output Source
PLL Shutdown
0
0
Three-state
Three-state
Driven
PLL
N
0
1
Driven
Three-state
Driven
PLL
N
1
0
Driven
Driven
Driven
Reference
Y
1
1
Driven
Driven
Driven
PLL
N
Table 2. Pin Description for CY2309
Pin
Signal
Description
Notes
4. This output is driven and has an internal feedback for the PLL. The load on this output can be adjusted to change the skew between the reference and output.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CY23S09_04Low-Cost 3.3V Spread Aware™ Zero Delay Buffer 1 2 3 4 5 MoreCypress Semiconductor
CY2305_05Low-Cost 3.3V Zero Delay Buffer 1 2 3 4 5 MoreCypress Semiconductor
Z99753.3V 150MHz Multi-Output Zero Delay Buffer 1 2 3 4 5 MoreCypress Semiconductor
IDTCSP2510D3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER 1 2 3 4 5 MoreIntegrated Device Technology
IDT2305B3.3V ZERO DELAY CLOCK BUFFER 1 2 3 4 5 MoreIntegrated Device Technology
CY23EP052.5V or 3.3V 10- 220 MHz Low Jitter 5 Output Zero Delay Buffer 1 2 3 4 5 MoreCypress Semiconductor
CY29352_082.5V or 3.3V 200 MHz 11 Output Zero Delay Buffer 1 2 3 4 5 MoreCypress Semiconductor
XRK39653_06113.3V 8-OUTPUT ZERO DELAY BUFFER 1 2 3 4 5 MoreExar Corporation
CY296533.3V 125-MHz 8-Output Zero Delay Buffer 1 2 3 4 5 MoreCypress Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl